Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M22-DP-R Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # M22-DP-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-DP-R Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button M22-DP-R Datasheet HTML 27Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 28Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 29Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 30Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 31Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 32Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 33Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 34Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
31
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Non-Illuminated Selector Switches
Components
Operators Only, Knob Type
Notes
Includes contact block mounting adapter.
Momentary selector switches can be converted in the field to maintained operation with the removal of a color
coded adapter. See Page 66.
Discount Symbol: 1CD1.
Type
Switching Position
Bezel
Catalog
Number
Price
U.S. $
2-Position
Momentary
Silver
M22-WK
16.90
Black
M22S-WK
15.40
Maintained
Silver
M22-WRK
12.90
Black
M22S-WRK
11.40
Maintained V
Silver
M22-WKV
12.90
Black
M22S-WKV
11.40
3-Position
Momentary
Silver
M22-WK3
16.90
Black
M22S-WK3
15.40
Maintained
Silver
M22-WRK3
12.90
Black
M22S-WRK3
11.40
Maintained, Return from Left
Silver
M22-WRK3-2
16.90
Black
M22S-WRK3-2
15.40
Maintained, Return from Right
Silver
M22-WRK3-1
16.90
Black
M22S-WRK3-1
15.40
4-Position
Maintained
Silver
M22-WRK4
43.50
Black
M22S-WRK4
42.00
M22-WK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com