Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPI52W331MTRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPI52W331MTRF
Description  NPI Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI52W331MTRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPI52W331MTRF Datasheet HTML 1Page - NIC-Components Corp. NPI52W331MTRF Datasheet HTML 2Page - NIC-Components Corp. NPI52W331MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI52W331MTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPI Power Inductors
NPI__W Series
FEATURES
• HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
• SURFACE MOUNTABLE CONSTRUCTION
• HIGH INDUCTANCE (UP TO 1000
μH)
• TAPED AND REELED FOR AUTOMATIC INSERTION
• FOR USE IN DC/DC CONVERTERS
CHARACTERISTICS
Case Size
NPI16W
NPI31W
NPI34W
NPI52W
Inductance Range
1 ~ 1000
μH
1.0 ~ 1000
μH
10 ~ 1000
μH
1 ~ 1000
μH
Ambient Operating Temperature Range
-40°C ~ +85°C*
Maximum Component Temperature
(Ambient + Self-Heating)
+125°C*
Temperature Rise at Irms
40°C max.
Inductance Change at Isat
-10% typical
Inductance Tolerance
20% (M)
Resistance to Solder Heat
260°C for 10 seconds
Series
A
B
C
D
E
F
G (Ref)
H (Ref)
I (Ref)
NPI16W
4.45 Max
6.60 Max
2.92 Max
1.02 ± 0.2
1.27 ± 0.2
4.32 ± 0.3
4.06
3.56
1.4
NPI31W
9.30 ± 0.2
12.80 ± 0.2
5.00 ± 0.3
2.40 ± 0.2
2.50 ± 0.2
7.60 ± 0.3
7.3
2.8
3
NPI34W
9.30 ± 0.2
12.80 ± 0.2
11.0 ± 0.5
2.40 ± 0.2
2.50 ± 0.2
7.60 ± 0.3
7.3
2.8
3
NPI52W
15.0 ± 0.3
18.40 ± 0.3
7.00 ± 0.5
2.40 ± 0.2
2.20 ± 0.2
13.30 ± 0.3
12.7
2.8
3
DIMENSIONS (mm)
G
I
H
LAND PATTERN
CONSTRUCTION
A
C
D
E
NPI16W
NPI30W, 31W, 34W
AND 52W
B
F
C
E
B
D
F
A
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
*Specifications reflect recent product changes. For more information refer to PCN announcement [Link]
NPI 31 W 4R7 M TR F
RoHS Compliant
Packaging: TR = Tape & Reel
Inductance Tolerance Code: M=±20%
Inductance Code (
μH): 1st two digits are significant,
3rd digit is multiplier for values from 10
μH and up.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM


Similar Part No. - NPI52W331MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI52W331MTRF NIC-NPI52W331MTRF Datasheet
190Kb / 5P
NPI Power Inductors
More results

Similar Description - NPI52W331MTRF

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
logo
NIC-Components Corp.
NPI-C NIC-NPI-C Datasheet
241Kb / 9P
NPI Power Inductors
NPI-L NIC-NPI-L Datasheet
186Kb / 3P
NPI Power Inductors
NPI-LS NIC-NPI-LS Datasheet
121Kb / 11P
NPI Unshielded Power Inductors
NPI-P NIC-NPI-P Datasheet
183Kb / 4P
NPI Power Inductors
NPI_LS NIC-NPI_LS Datasheet
116Kb / 11P
NPI Unshielded Power Inductors
NPI_P NIC-NPI_P Datasheet
184Kb / 4P
NPI Power Inductors
NPI_W NIC-NPI_W Datasheet
190Kb / 5P
NPI Power Inductors
NPI_C NIC-NPI_C Datasheet
301Kb / 9P
NPI Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com