Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPI16W331MTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPI16W331MTRF
Description  NPI Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI16W331MTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPI16W331MTRF Datasheet HTML 1Page - NIC-Components Corp. NPI16W331MTRF Datasheet HTML 2Page - NIC-Components Corp. NPI16W331MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI16W331MTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPI Power Inductors
NPI__W Series
Tape Width
REEL DIMENSIONS (mm)
A(mm)
B(mm)
C(mm)
D(mm)
16mm
16.5±0.1
100±1
13±0.5
330
24mm
24.5±0.1
32mm
32.5±0.1
Size
REEL QUANTITY PER CASE SIZE
NPI16W
NPI22W
NPI31W
NPI34W
NPI52W
Quantity per reel
2500
1000
500
225
250
Tape Width
16mm
24mm
24mm
32mm
32mm
Case Size
TAPING DIMENSIONS (mm)
Ao
Bo
Co
Ko
W
Po
NPI16W
4.60
6.70
4.25
3.20
12.0
8.0
NPI31W
10.00 13.50 11.50
5.60
24.0
12.0
NPI34W
10.00 13.50 11.50
11.6
24.0
20.0
NPI52W
15.40 18.70 14.25
7.60
32.0
20.0
W
Co
Ao
Po
Ko
Bo
1.5mm ± 0.1
4.0mm
0.5mm ± 0.05
1.75mm
±0.1
B
C
D
A
REFLOW SOLDERING PROFILE
Soldering 260°C max.
5 seconds max.
Cool Down
60 ~ 120 sec.
25
50
100
150
200
250
300
Pre-Heat
150°C ~ 180°C
Time above 230°C
30 seconds max.
30
60
90 120 150 180 210 240 270 300
Time - Seconds



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com