Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPI52P331MTRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPI52P331MTRF
Description  NPI Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI52P331MTRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPI52P331MTRF Datasheet HTML 1Page - NIC-Components Corp. NPI52P331MTRF Datasheet HTML 2Page - NIC-Components Corp. NPI52P331MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI52P331MTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
71
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Power Inductors
NPI__P Series
Part Number
STANDARD VALUES - CASE SIZE 31 (13.2 x 9.9 x 6.4mm*)
Inductance Value
(µH)
SRF (Typical)
MHz
DC Resistance
(Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Fre-
quency
NPI31PR12MTRF
0.12 ± 20%
380
0.0015
17
28
100KHz
NPI31PR33MTRF
0.33 ± 20%
300
0.002
16
20
NPI31PR68MTRF
0.68 ± 20%
200
0.005
12
13
NPI31P1R0MTRF
1.0 ± 20%
100
0.012
10
11
NPI31P1R5MTRF
1.5 ± 20%
90
0.008
9.0
9.0
NPI31P2R2MTRF
2.2 ± 20%
90
0.011
7.4
7.8
NPI31P2R7MTRF
2.7 ± 20%
65
0.012
6.6
7.0
NPI31P3R3MTRF
3.3 ± 20%
65
0.014
5.9
6.4
NPI31P4R7MTRF
4.7 ± 20%
45
0.018
4.8
5.4
Maximum +40°C temperature rise at Irms. Typical -10% inductance change at Isat.
*Specifications reflect recent product changes. For more information refer to PCN announcement [Link]
Part Number
STANDARD VALUES - CASE SIZE 52 (18.5 x 15.2 x 8.00mm*)
Inductance Value
(µH)
SRF (Typical)
MHz
DC Resistance
(Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Fre-
quency
NPI52PR78MTRF
0.78 ± 20%
156
0.0026
15
30
100KHz
NPI52P1R5MTRF
1.5 ± 20%
100
0.004
15
25
NPI52P2R2MTRF
2.2 ± 20%
60
0.006
12
20
NPI52P3R3MTRF
3.3 ± 20%
55
0.0086
10
17
NPI52P3R9MTRF
3.9 ± 20%
35
0.01
9
15
NPI52P4R7MTRF
4.7 ± 20%
35
0.014
8.4
13
NPI52P6R0MTRF
6.0 ± 20%
35
0.017
7.5
12
NPI52P7R8MTRF
7.8 ± 20%
28
0.018
7.5
11
NPI52P100MTRF
10 ± 20%
28
0.026
6
10
NPI52P150MTRF
12 ± 20%
26
0.028
5.2
8.5
NPI52P150MTRF
15 ± 20%
20
0.032
4.4
8
NPI52P220MTRF
22 ± 20%
20
0.047
3.5
7
1KHz
NPI52P330MTRF
33 ± 20%
15
0.066
3
5.5
NPI52P470MTRF
47 ± 20%
9
0.086
2.6
4.5
NPI52P680MTRF
68 ± 20%
8
0.13
2.3
3.5
NPI52P101MTRF
100 ± 20%
7
0.19
1.8
3
NPI52P151MTRF
150 ± 20%
6
0.25
1.5
2.6
NPI52P221MTRF
220 ± 20%
5
0.38
1.2
2.4
NPI52P331MTRF
330 ± 20%
4
0.56
1
1.9
NPI52P471MTRF
470 ± 20%
3
0.85
0.82
1.4
NPI52P681MTRF
680 ± 20%
2.5
1.1
0.72
1.2
NPI52P102MTRF
1000 ± 20%
2.0
1.8
0.56
1
Maximum +40°C temperature rise at Irms. Typical -10% inductance change at Isat.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com