Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV20WS Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAV20WS
Description  SURFACE MOUNT SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAV20WS Datasheet(HTML) 1 Page - Continental Device India Limited

  BAV20WS Datasheet HTML 1Page - Continental Device India Limited BAV20WS Datasheet HTML 2Page - Continental Device India Limited BAV20WS Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT SWITCHING DIODES
BAV19WS
BAV20WS
BAV21WS
SOD-323
PLASTIC PCAKAGE
Marking:- with cathode band
BAV19WS= A8
BAV20WS= A80
BAV21WS= A82
Fast Switching Speed Diodes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25ºC Ambient Temperature unless specified otherwise. For Capacitive Load, Derate Current by 20%
DESCRIPTION
SYMBOL
BAV20WS BAV21WS
UNIT
VR
150
200
V
VRRM
200
250
V
IO
mA
Peak Forward Surge Current t =1us
IFSM
A
Power Dissipation @ Ta=25ºC
PD
mW
Maximum Forward Voltage at IF =0.1A
VF
V
Maximum Forward Voltage at IF =0.2A
VF
V
Maximum DC Reverse Current at
Rated DC Blocking Voltage Tj=25ºC
IR
µA
Typical Junction Capacitance
*CJ
pF
Maximum Reverse Recovery
**TRR
ns
Rth (j-a)
ºC/W
Operating and Storage Junction
Temperature Range
Tj, Tstg
ºC
* CJ at VR=0, f=1MHz
** From IF =10mA, IR=1.0mA, VR=6V, RL=100Ω
BAV19WS_BAV21WSRev_1 100905E
BAV19WS
- 55 to +150
2.5
0.1
5.0
Thermal Resistance Junction to Ambient
50
640
1.25
Average Rectified Current, Half wave
Rectification With Resistive Load and f >=50Hz
Repetitive Peak Reverse Voltage
Reverse Voltage
200
1.0
100
120
200
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BAV20WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV20WS PANJIT-BAV20WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV20WS DIODES-BAV20WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV20WS GE-BAV20WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV20WS DIOTEC-BAV20WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Won-Top Electronics
BAV20WS WTE-BAV20WS Datasheet
48Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV20WS

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
SURFACE MOUNT SWITCHING DIODES
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAV16W PANJIT-BAV16W_09 Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56 PANJIT-BAW56_10 Datasheet
108Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56TB PANJIT-BAW56TB Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56W PANJIT-BAW56W_09 Datasheet
99Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
Surface Mount Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com