Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC810 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # KBPC810
Description  SINGLE PHASE SILICON BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

KBPC810 Datasheet(HTML) 1 Page - Continental Device India Limited

  KBPC810 Datasheet HTML 1Page - Continental Device India Limited KBPC810 Datasheet HTML 2Page - Continental Device India Limited KBPC810 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SINGLE PHASE SILICON BRIDGE RECTIFIER
KBPC8005-KBPC810
KBPC-8
PLASTIC PACKAGE
Maximum Ratings (Ratings at Ta=25
oC Ambient Temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%)
KBPC
KBPC KBPC KBPC KBPC KBPC KBPC
8005
801
802
804
806
808
810
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
Peak Forward Surge Current, 8.3ms single
half sine wave superimposed on rated load
(JEDEC method)
VF
V
Maximum Reverse Current
Ta=25
oC
µA
at Rated DC Blocking Voltage
Ta=100
oC
µA
*CJ
pF
**Rth (j-a)
oC/W
***Rth (j-c)
oC/W
TJ, Tstg
oC
KBPC8005-810Rev280506E
IR
- 55 to +125
10
Typical Thermal Resistance
Operating and Storage Temperature Range
6.0
200
500
UNIT
*Measured at 1MHz and applied reverse voltage of 4.0 VDC
1.0
A
250
8.0
Maximum Forward Voltage Drop Per Element
at 4A DC and 25ºC
Typical Thermal Resistance
21
DESCRIPTION
***United mounted on PCB at 0.375" (9.5mm) lead length with 0.5 x 0.5" (12 x 12mm) copper pads
**Unit mounted on 8.6 x 8.6 x 0.24" thick (22 x 22 x 0.6cm) Ai.Plate
SYMBOL
Maximum Average Forward Rectified Current
at Tc=50ºC
Typical Junction Capacitance
IFSM
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - KBPC810

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC810 WTE-KBPC810 Datasheet
32Kb / 3P
8.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC810 JGD-KBPC810 Datasheet
124Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC810 SEMTECH-KBPC810 Datasheet
126Kb / 2P
8.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC810 SSE-KBPC810 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC810 CHENYI-KBPC810 Datasheet
148Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC810

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com