Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7812AB Datasheet(PDF) 39 Page - STMicroelectronics

Part # L7812AB
Description  Positive voltage regulator ICs
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7812AB Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L7812AB Datasheet HTML 35Page - STMicroelectronics L7812AB Datasheet HTML 36Page - STMicroelectronics L7812AB Datasheet HTML 37Page - STMicroelectronics L7812AB Datasheet HTML 38Page - STMicroelectronics L7812AB Datasheet HTML 39Page - STMicroelectronics L7812AB Datasheet HTML 40Page - STMicroelectronics L7812AB Datasheet HTML 41Page - STMicroelectronics L7812AB Datasheet HTML 42Page - STMicroelectronics L7812AB Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
L78xx, L78xxC, L78xxAB, L78xxAC
Package mechanical data
Doc ID 2143 Rev 30
39/57
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at:
www.st.com.
ECOPACK® is an ST trademark.
In spite of some difference in tolerances, the packages are compatible.
Table 23.
TO-220 mechanical data
Dim.
Type STD - ST Dual Gauge
Type STD - ST Single Gauge
mm.
mm.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
4.40
4.60
b
0.61
0.88
0.61
0.88
b1
1.14
1.70
1.14
1.70
c
0.48
0.70
0.48
0.70
D
15.25
15.75
15.25
15.75
D1
1.27
E
10.00
10.40
10.00
10.40
e
2.40
2.70
2.40
2.70
e1
4.95
5.15
4.95
5.15
F
1.23
1.32
0.51
0.60
H1
6.20
6.60
6.20
6.60
J1
2.40
2.72
2.40
2.72
L
13.00
14.00
13.00
14.00
L1
3.50
3.93
3.50
3.93
L20
16.40
16.40
L30
28.90
28.90
∅P
3.75
3.85
3.75
3.85
Q
2.65
2.95
2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com