Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7885C Datasheet(PDF) 31 Page - STMicroelectronics

Part # L7885C
Description  Positive voltage regulator ICs
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7885C Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L7885C Datasheet HTML 27Page - STMicroelectronics L7885C Datasheet HTML 28Page - STMicroelectronics L7885C Datasheet HTML 29Page - STMicroelectronics L7885C Datasheet HTML 30Page - STMicroelectronics L7885C Datasheet HTML 31Page - STMicroelectronics L7885C Datasheet HTML 32Page - STMicroelectronics L7885C Datasheet HTML 33Page - STMicroelectronics L7885C Datasheet HTML 34Page - STMicroelectronics L7885C Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
L78xx, L78xxC, L78xxAB, L78xxAC
Application information
Doc ID 2143 Rev 30
31/57
* Against potential latch-up problems.
Figure 15.
Tracking voltage regulator
Figure 16.
Split power supply (± 15 V - 1 A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com