Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT230XQ-R Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # FT230XQ-R
Description  Future Technology Devices International Ltd.
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT230XQ-R Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button FT230XQ-R Datasheet HTML 27Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 28Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 29Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 30Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 31Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 32Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 33Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 34Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Copyright © 2013 Future Technology Devices International Limited
31
FT230X USB TO BASIC UART IC
Version 1.2
Document No.: FT_000566 Clearance No.: FTDI# 260
7.5 LED Interface
Any of the CBUS I/O pins can be configured to drive an LED. The FT230X has 3 configuration options for
driving LEDs from the CBUS. These are TXLED#, RXLED#, and TX&RXLED#. Refer to Section 3.3 for
configuration options.
FT230X
CBUS[0...3]
CBUS[0...3]
VCCIO
TX
TXLED#
RXLED#
RX
270R
270R
Figure 7.7 Dual LED Configuration
An example of using the FT230X to drive LEDs is shown in Figure 7.7. In this application one of the CBUS
pins is used to indicate transmission of data (TXLED#) and another is used to indicate receiving data
(RXLED#). When data is being transmitted or received the respective pins will drive from tri-state to low
in order to provide indication on the LEDs of data transfer. A digital one-shot is used so that even a small
percentage of data transfer is visible to the end user.
FT230X
CBUS [0...3]
TX& RXLED#
270R
VCCIO
LED
Figure 7.8 Single LED Configuration
Another example of using the FT230X to drive LEDs is shown in Figure 7.8. In this example one of the
CBUS pins is used to indicate when data is being transmitted or received by the device (TX&RXLED). In
this configuration the FT230X will drive only a single LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com