Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSC1815 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC1815
Description  NPN EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC1815 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC1815 Datasheet HTML 1Page - Continental Device India Limited CSC1815 Datasheet HTML 2Page - Continental Device India Limited CSC1815 Datasheet HTML 3Page - Continental Device India Limited CSC1815 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
CSC1815
TO-92
Plastic Package
Audio Frequency General Purpose and Driver Stage Amplifier Applications.
Complementary CSA1015
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNITS
Collector Base Voltage
VCBO
60
V
Collector Emitter Voltage
VCEO
50
V
Emitter Base Voltage
VEBO
5
V
Collector Current Continuous
IC
150
mA
Base Current
IB
50
mA
Collector Power Dissipation
PC
625
mW
Operating And Storage Junction
Tj, Tstg
-55 to +125
ºC
Temperature Range
THERMAL RESISTANCE
Junction to case
Rth(j-c)
250
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Cut off Current
ICBO
VCB =60V, IE=0
100
nA
Emitter Cut off Current
IEBO
VEB=5V, IC = 0
100
nA
DC Current Gain
*hFE
IC =2mA, VCE=6V
70
700
hFE
IC =150mA, VCE=6V
25
Collector Emitter Saturation Voltage
VCE(sat)
IC=100mA, IB= 10mA
0.25
V
Base Emitter Saturation Voltage
VBE(sat)
IC=100mA, IB= 10mA
1.0
V
Dynamic Characteristics
Transition Frequency
ft
VCE=10V, IC=1mA,
80
MHz
f=100MHz
Collector Output Capacitance
Cob
VCB=10V,IE=0,
3
pF
f=1MHz
Base Spreading Resistance
rbb'
VCB=10V, IE=1mA,
50
Ω
f=30MHz
Noise Figure
NF
VCE=6V, IC=0.1mA,
10
dB
Rg=10KΩ, f=1KHz
CLASSIFICATION
O
Y
BL
*hFE
70 - 140
120 - 240
350 - 700
CSC1815REV_3 281202D
GR
200 - 400
E C
B
Continental Device India Limited
Datasheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC1815

ManufacturerPart #DatasheetDescription
logo
Clarke International
CSC18 CLARKE-CSC18 Datasheet
2Mb / 20P
18” PATIO SURFACE CLEANER
DL0326
logo
Continental Device Indi...
CSC1845 CDIL-CSC1845 Datasheet
256Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Clarke International
CSC18WR CLARKE-CSC18WR Datasheet
2Mb / 20P
18” PATIO SURFACE CLEANER WITH WATER RECOVERY
DL0326
More results

Similar Description - CSC1815

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com