Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSC1845 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC1845
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC1845 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC1845 Datasheet HTML 1Page - Continental Device India Limited CSC1845 Datasheet HTML 2Page - Continental Device India Limited CSC1845 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC1845
TO-92
Plastic Package
For use as the middle range Amplifier in Hi-Fi and other similar Amplifier Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
UNITS
Collector Emitter Voltage
VCEO
V
Collector Base Voltage
VCBO
V
Emitter Base Voltage
VEBO
V
Base Current
IB
mA
Collector Current
IC
mA
Power Dissipation @ Ta=25ºC
PC
mW
Junction Temperature
Tj
ºC
Storage Temperature Range
Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN TYP
MAX
UNITS
Collector Cut off Current
ICBO
VCB = 120V, IE = 0
50
nA
Emitter Cutoff Current
IEBO
VEB = 5.0V, Ic = 0
50
nA
Collector Emitter Saturation Voltage
VCE(sat)
IC = 10mA, IB = 1.0mA
0.30
V
Base Emitter On Voltage
VBE(on)
VCE = 6.0V,Ic = 1.0mA
0.55
0.65
V
DC Current Gain
hFE
VCE = 6.0V, IC = 0.1 mA
150
*hFE
VCE = 6.0V, IC = 1.0 mA
200
1200
Transition Frequency
fT
VCE = 6.0V, Ic = - 1.0mA
50
MHz
Output Capacitance
Cob
VCB = 30V, IE =0, f = 1.0MHz
2.5
pF
Noise Voltatge
NV
VCE = 5.0V, IC = - 1.0mA, RG =100kΩ
40
mV
GV = 80 dB, f = 10 Hz to 1.0 KHz
*hFE Classifications
P : 200 - 400
F : 300 - 600
E : 400 - 800
U : 600 - 1200
5
- 55 to + 125
10
VALUE
120
120
50
500
+125
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC1845

ManufacturerPart #DatasheetDescription
logo
Clarke International
CSC18 CLARKE-CSC18 Datasheet
2Mb / 20P
18” PATIO SURFACE CLEANER
DL0326
logo
Continental Device Indi...
CSC1815 CDIL-CSC1815 Datasheet
253Kb / 4P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Clarke International
CSC18WR CLARKE-CSC18WR Datasheet
2Mb / 20P
18” PATIO SURFACE CLEANER WITH WATER RECOVERY
DL0326
More results

Similar Description - CSC1845

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com