Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSC3329 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC3329
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC3329 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC3329 Datasheet HTML 1Page - Continental Device India Limited CSC3329 Datasheet HTML 2Page - Continental Device India Limited CSC3329 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC3329
TO-92
Plastic Package
Complementary CSA1316
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
Collector Emitter Voltage
VCEO
Collector Base Voltage
VCBO
Emitter Base Voltage
VEBO
Collector Current
IC
Base Current
IB
Collector Power Dissipation
PC
Storage Temperature
Tstg
- 55 to +125
Junction Temperature
Tj
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Cut off Current
ICBO
VCB=80V, IE = 0
100
nA
Emitter Cut off Current
IEBO
VEB=5V, IC = 0
100
nA
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
80
V
DC Current Gain
hFE *VCE=6V, IC=2mA
200
700
Collector Emitter Saturation Voltage
VCE(sat)
IC=10mA, IB=1mA
0.1
V
Base Emitter on Voltage
VBE(on)
VCE=6V, IC=2mA
0.6
V
Base Spreading Resistance
rbb'
VCE=6V, IC=1mA,f=100MHz
2.0
Ω
Transition Frequency
fT
VCE=6V, IC= -1mA,
80
MHz
f=100MHz
Collector Output Capacitance
Cob
IE=0, VCB=10V,f=1MHz
6.2
pF
VCE =6V, IC=0.1mA,
6.0
f=10Hz,Rg=10k
Ω
Noise Figure
NF
VCE =6V, IC=0.1mA,
2.0
dB
f=10KHz,Rg=10k
Ω
VCE =6V, IC=0.1mA,
2.5
f=10KHz,Rg=100
Ω
*hFE Classification
GR : 200 - 400,
BL : 350 - 700
VALUE
80
80
5
100
20
400
ºC
125
UNITS
V
V
V
mA
mA
mW
ºC
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC3329

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC3039 CDIL-CSC3039 Datasheet
61Kb / 3P
NPN PLASTIC POWER TRANSISTOR
CSC3063 CDIL-CSC3063 Datasheet
72Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CSC3198 CDIL-CSC3198 Datasheet
259Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC3255 CDIL-CSC3255 Datasheet
118Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
logo
Rectron Semiconductor
CSC3255S RECTRON-CSC3255S Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
More results

Similar Description - CSC3329

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com