Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADDR10 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # ADDR10
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR10 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ADDR10 Datasheet HTML 11Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 12Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 13Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 14Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 15Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 16Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 17Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 18Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
E t h e rn et interfa ce MAC
ww w.d i gi .c om
11
Ethernet interface MAC
Note:
ENDEC values for general-purpose output and TXD refer to bits in the Ethernet General
Control register. ENDEC values for general-purpose input and RXD refer to bits in the
Ethernet General Status register.
In this table, GP designates general-purpose.
Ethernet interface MAC signal descriptions
The Ethernet MII (media independent interface) provides the connection between the Ethernet PHY
and the MAC (media access controller).
Symbol
Pin
I/O
OD
Description
MII
ENDEC
MII
ENDEC
MDC
GP output
D10
O
2
MII
management
clock
State of (LPBK bit XOR
(Mode=SEEQ))
MDIO
GP output
B10 U
I/O
2
MII data
State of UTP_STP bit
TXCLK
C10
I
TX clock
TXD3
GP output
A12
O
2
TX data 3
State of AUI_TP[0] bit
TXD2
GP output
B11
O
2
TX data 2
State of AUI_TP[1] bit
TXD1
GP output
D11
O
2
TX data 1
Inverted state of PDN bit, open
collector
TXD0
TXD
A11
O
2
TX data 0
Transmit data
TXER
GP output
A13
O
2
TX code error
State of LNK_DIS_ bit
TXEN
B12
O
2
TX enable
TXCOL
A14
I
Collision
RXCRS
D12
I
Carrier sense
RXCLK
C12
I
RX clock
RXD3
GP input
D14
I
RX data 3
Read state in bit 12
RXD2
GP input
B15
I
RX data 2
Read state in bit 15
RXD1
GP input
A15
I
RX data 1
Read state in bit 13
RXD0
RXD
B13
I
RX data 0
Receive data
RXER
GP input
C15
I
RX error
Read state in bit 11
RXDV
GP input
D15
I
RX data valid
Read state in bit 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com