Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75813T Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # 75813T
Description  1/3, 1/4 Duty General-Purpose LCD Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

75813T Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button 75813T Datasheet HTML 10Page - Sanyo Semicon Device 75813T Datasheet HTML 11Page - Sanyo Semicon Device 75813T Datasheet HTML 12Page - Sanyo Semicon Device 75813T Datasheet HTML 13Page - Sanyo Semicon Device 75813T Datasheet HTML 14Page - Sanyo Semicon Device 75813T Datasheet HTML 15Page - Sanyo Semicon Device 75813T Datasheet HTML 16Page - Sanyo Semicon Device 75813T Datasheet HTML 17Page - Sanyo Semicon Device 75813T Datasheet HTML 18Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
No. 7159--14/26
LC75813E, 75813T
Segment
Output pin
COM1
COM2
COM3
COM4
S1/P1
D1
D2
D3
D4
S2/P2
D5
D6
D7
D8
S3/P3
D9
D10
D11
D12
S4/P4
D13
D14
D15
D16
S5/P5
D17
D18
D19
D20
S6/P6
D21
D22
D23
D24
S7/P7
D25
D26
D27
D28
S8/P8
D29
D30
D31
D32
S9
D33
D34
D35
D36
S10
D37
D38
D39
D40
S11
D41
D42
D43
D44
S12
D45
D46
D47
D48
S13
D49
D50
D51
D52
S14
D53
D54
D55
D56
S15
D57
D58
D59
D60
S16
D61
D62
D63
D64
S17
D65
D66
D67
D68
S18
D69
D70
D71
D72
S19
D73
D74
D75
D76
S20
D77
D78
D79
D80
S21
D81
D82
D83
D84
S22
D85
D86
D87
D88
S23
D89
D90
D91
D92
S24
D93
D94
D95
D96
S25
D97
D98
D99
D100
S26
D101
D102
D103
D104
S27
D105
D106
D107
D108
S28
D109
D110
D111
D112
S29
D113
D114
D115
D116
S30
D117
D118
D119
D120
S31
D121
D122
D123
D124
S32
D125
D126
D127
D128
S33
D129
D130
D131
D132
S34
D133
D134
D135
D136
S35
D137
D138
D139
D140
S36
D141
D142
D143
D144
S37
D145
D146
D147
D148
S38
D149
D150
D151
D152
S39
D153
D154
D155
D156
S40
D157
D158
D159
D160
S41
D161
D162
D163
D164
S42
D165
D166
D167
D168
S43
D169
D170
D171
D172
Segment
Output pin
COM1
COM2
COM3
COM4
S44
D173
D174
D175
D176
S45
D177
D178
D179
D180
S46
D181
D182
D183
D184
S47
D185
D186
D187
D188
S48
D189
D190
D191
D192
S49
D193
D194
D195
D196
S50
D197
D198
D199
D200
S51
D201
D202
D203
D204
S52
D205
D206
D207
D208
S53
D209
D210
D211
D212
S54
D213
D214
D215
D216
S55
D217
D218
D219
D220
S56
D221
D222
D223
D224
S57
D225
D226
D227
D228
S58
D229
D230
D231
D232
S59
D233
D234
D235
D236
S60
D237
D238
D239
D240
S61
D241
D242
D243
D244
S62
D245
D246
D247
D248
S63
D249
D250
D251
D252
S64
D253
D254
D255
D256
S65
D257
D258
D259
D260
S66
D261
D262
D263
D264
S67
D265
D266
S267
D268
S68
D269
D270
D271
D272
S69
D273
D274
D275
D276
S70
D277
D278
D279
D280
S71
D281
D282
D283
D284
S72
D285
D286
D287
D288
S73
D289
D290
D291
D292
S74
D293
D294
D295
D296
S75
D297
D298
D299
D300
S76
D301
D302
D303
D304
S77
D305
D306
D307
D308
S78
D309
D310
D311
D312
S79
D313
D314
D315
D316
S80
D317
D318
D319
D320
S81
D321
D322
D323
D324
S82
D325
D326
D327
D328
S83
D329
D330
D331
D332
S84
D333
D334
D335
D336
S85
D337
D338
D339
D340
S86
D341
D342
D343
D344
2. 1/4 duty
Note: This applies to the case where the S1/P1 to S8/P8 output pins are set to be segment output ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com