Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX0740P Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PX0740P
Description  BUCCANEER FOR POWER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX0740P Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  PX0740P Datasheet HTML 1Page - List of Unclassifed Manufacturers PX0740P Datasheet HTML 2Page - List of Unclassifed Manufacturers PX0740P Datasheet HTML 3Page - List of Unclassifed Manufacturers PX0740P Datasheet HTML 4Page - List of Unclassifed Manufacturers PX0740P Datasheet HTML 5Page - List of Unclassifed Manufacturers PX0740P Datasheet HTML 6Page - List of Unclassifed Manufacturers PX0740P Datasheet HTML 7Page - List of Unclassifed Manufacturers PX0740P Datasheet HTML 8Page - List of Unclassifed Manufacturers PX0740P Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.bulgin.com
32
32
BUCCANEER FOR POWER
bulgin
a brand of Elektron Technology
Sockets
Contact Nos viewed from rear of panel
Pins
Contact Nos viewed from rear of panel
Standard Buccaneer®
P X 0 x x x / x / x x / x x x
PART NO SYSTEM
Examples:
PX0707/P/06= PCB Panel connector, pin contacts, 6 pole
PX0731/S = Flex Cable connector, socket contacts, 3 pole
PX0732/P/07/BL2 = In-Line Flex Cable connector, pin contacts, 3 pole, 7-9mm cable
acceptance, blue insert
Body Styles
Contacts Type
P = Pin
S = Socket
Cable Acceptance or PCB/Rear Panel Mounting
Flex Cable and In-line Flex Connectors cable acceptance use:
Blank = 6-8mm (Black) standard for 2-12 pole
04 = 3.5-5mm (Grey)
05 = 5-7mm (White)
07 = 7-9mm (Yellow) (standard for 25 way, no suffix required)
PCB (PX0707) and Rear Panel Mount connectors (PX0708 and PX0709) use:
02 = 2 pole
03 = 3 pole
04 = 4 pole
06 = 6 pole
07 = 7 pole
09 = 9 pole
12 = 12 pole
25 = 25 pole
Front Panel, Bulkhead and Flange Mount - not required:
Insert/Gland Nut Colour
Blank = Black
LG = Light Grey
BL = Blue
RD = Red
GN = Green
WH = White
GY = Grey
YL = Yellow
Insert/Gland Nut Colour Combination
1 = Insert and Gland Nut Coloured
2 = Insert only Coloured
PX0707/S/03
PX0707/S/06
PX0707/S/09
PX0707/S/12
PX0707/S/25
PX0707/P/03
PX0707/P/06
PX0707/P/09
PX0707/P/12
PX0707/P/25
PCB LAYOUTS
PX0707/S/04
PX0707/S/03



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com