Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSPR32P03 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSPR32P03
Description  P-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSPR32P03 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSPR32P03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSPR32P03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSPR32P03 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSPR32P03 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSPR32P03
-32A , -30V , RDS(ON) 27 mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode Power MOSFET
28-Apr-2014 Rev.A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID= -250µA
Gate-Threshold Voltage
VGS(th)
-1
-
-2.5
V
VDS=VGS, ID= -250µA
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V
-
-
-1
VDS= -24V, VGS=0, TJ=25°C
Drain-Source Leakage Current
IDSS
-
-
-5
µA
VDS= -24V, VGS=0, TJ=55°C
-
-
27
VGS= -10V, ID= -15A
Static Drain-Source On-Resistance
2
RDS(ON)
-
-
35
m
VGS= -4.5V, ID= -10A
Gate Resistance
Rg
-
18
26
f =1.0MHz
Total Gate Charge(10V)
Qg
-
12.5
-
Gate-Source Charge
Qgs
-
5.4
-
Gate-Drain Change
Qgd
-
5
-
nC
ID= -15A
VDS= -15V
VGS= -4.5V
Turn-on Delay Time
2
Td(on)
-
4.4
-
Rise Time
Tr
-
11.2
-
Turn-off Delay Time
Td(off)
-
34
-
Fall Time
Tf
-
18
-
nS
VDD= -15V
ID= -15A
VGS= -10V
RG=3.3
Input Capacitance
Ciss
-
1345
-
Output Capacitance
Coss
-
194
-
Reverse Transfer Capacitance
Crss
-
158
-
pF
VGS =0
VDS= -15V
f =1.0MHz
Guaranteed Avalanche Characteristics
Single Pulse Avalanche Energy
3
EAS
43
-
-
mJ
VD= -25V, L=0.1mH,
IAS= -17A
Source-Drain Diode
Diode Forward Voltage
2
VSD
-
-
-1.2
V
IS= -1A, VGS=0, TJ=25°C
Continuous Source Current
1,4
IS
-
-
-32
A
Pulsed Source Current
2,4
ISM
-
-
-65
A
VD=VG=0, Force Current
Reverse Recovery Time
Trr
-
12.4
-
nS
Reverse Recovery Charge
Qrr
-
5
-
nC
IF= -15A, dl/dt=100A/µS,
TJ=25°C
Note:
1.
The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper , ≦10sec , 125℃/W at steady state
2. The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3. The EAS data shows Max. rating . The test condition is VDD= -25V,VGS= -10V,L=0.1mH,IAS= -38A
4. The power dissipation is limited by 150°C juncti on temperature
5. The Min. value is 100% EAS tested guarantee.
6. The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com