Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPR830DF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # STPR830DF
Description  8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

STPR830DF Datasheet(HTML) 1 Page - Diodes Incorporated

  STPR830DF Datasheet HTML 1Page - Diodes Incorporated STPR830DF Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S14010 Rev. C-2
1 of 2
STPR805DF-STPR860DF
STPR805DF - STPR860DF
8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
Features
L
M
A
N
P
D
E
K
C
B
J
G
R
Pin 1
Pin 1
Pin 2
Pin 2
Case
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
Diffused Junction
·
Super-Fast Switching Times for High Efficiency
·
High Current Capability and Low Forward
Voltage Drop
·
Surge Overload Rating to 125A Peak
·
Low Reverse Leakage Current
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: See Diagram
·
Weight: 2.24 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
STPR
805DF
STPR
810DF
STPR
815DF
STPR
820DF
STPR
830DF
STPR
840DF
STPR
850DF
STPR
860DF
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
350
420
V
Average Rectified Output Current
(Note 1)
@ TC = 100
°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
125
A
Forward Voltage
@ IF = 8.0A
VFM
0.95
1.3
1.5
V
Peak Reverse Current
@TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 100
°C
IRM
5.0
500
mA
Reverse Recovery Time (Note 2)
trr
35
50
ns
Typical Junction Capacitance (Note 3)
Cj
85
60
pF
Typical Thermal Resistance Junction to Case
RqJC
6.3
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Case mounted on heatsink.
2. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A.
3. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
TO-220AC
Dim
Min
Max
A
14.22
15.88
B
9.65
10.67
C
2.54
3.43
D
5.84
6.86
E
¾
6.35
G
12.70
14.73
J
0.51
1.14
K
3.53
Æ 4.09Æ
L
3.56
4.83
M
1.14
1.40
N
0.30
0.64
P
2.03
2.92
R
4.83
5.33
All Dimensions in mm


Similar Part No. - STPR830DF

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR830DF LITEON-STPR830DF Datasheet
40Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Sirectifier Semiconduct...
STPR830DF SIRECTIFIER-STPR830DF Datasheet
79Kb / 2P
Ultra Fast Recovery Diodes
logo
Sirectifier Global Corp...
STPR830DF SIRECT-STPR830DF Datasheet
82Kb / 2P
Ultra Fast Recovery Diodes
More results

Similar Description - STPR830DF

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER800 WTE-ER800 Datasheet
47Kb / 3P
8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
ER800F WTE-ER800F Datasheet
48Kb / 3P
8.0A ISOLATION SUPER-FAST GLASS PASSIVATED RECTIFIER
FR801G WTE-FR801G Datasheet
53Kb / 3P
8.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
STPR805DB DIODES-STPR805DB Datasheet
64Kb / 2P
8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS14007 Rev. C-2
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nantong Hornby Electron...
SF16X HORNBY-SF16X Datasheet
298Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
SF30XPT HORNBY-SF30XPT Datasheet
275Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
MUR4060CT JINANJINGHENG-MUR4060CT Datasheet
164Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Zibo Seno Electronic En...
ER81 ZSELEC-ER81 Datasheet
155Kb / 2P
8.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SF81 ZSELEC-SF81 Datasheet
136Kb / 2P
8.0A GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com