| Electronic Components Datasheet Search |
|
VIPER25LDTR Datasheet(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER25LDTR Datasheet(HTML) 26 Page - STMicroelectronics |
|
26 / 40 page ![]() Operation description VIPER25 26/40 Doc ID 15585 Rev 4 Figure 32. ZCD pin typical external configuration 7.11 Overvoltage protection (OVP) The VIPER25 has integrated the logic for the monitor of the output voltage using as input signal the voltage VZCD during the OFF time of the power MOSFET. This is the time when the voltage from the auxiliary winding tracks the output voltage, through the turn ratio NAUX / NSEC. The ZCD pin has to be connected to the auxiliary winding through the diode DOVP and the resistors ROVP and RLIM as shows the Figure 32 on page 26. When, during the OFF time, the voltage VZCD exceeds, four consecutive times, the reference voltage VOVP (reported on Table 8 on page 8 ) the over voltage protection will stop the power MOSFET and the converter enters the auto-restart mode. In order to bypass the noise after the turn off of the power MOSFET, the voltage VZCD is sampled inside a short window after the time TSTROBE, see the Table 8 on page 8 and Figure 33 on page 27 . The sampled signal, if higher than VOVP, trigger the internal OVP digital signal and increments the internal counter. The same counter is reset every time the signal OVP is not triggered in one oscillator cycle. Referring to the Figure 32, the resistors divider ratio kOVP will be given by: Equation 5 k OVP V OVP N AUX N SEC -------------- V OUTOVP V DSEC + () V DAUX – ⋅ --------------------------------------------------------------------------------------------------- = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |