Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER25LD Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER25LD
Description  Off-line high voltage converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER25LD Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER25LD Datasheet HTML 1Page - STMicroelectronics VIPER25LD Datasheet HTML 2Page - STMicroelectronics VIPER25LD Datasheet HTML 3Page - STMicroelectronics VIPER25LD Datasheet HTML 4Page - STMicroelectronics VIPER25LD Datasheet HTML 5Page - STMicroelectronics VIPER25LD Datasheet HTML 6Page - STMicroelectronics VIPER25LD Datasheet HTML 7Page - STMicroelectronics VIPER25LD Datasheet HTML 8Page - STMicroelectronics VIPER25LD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
VIPER25
Pin settings
Doc ID 15585 Rev 4
5/40
3
Pin settings
Figure 3.
Connection diagram (top view)
Note:
The copper area for heat dissipation has to be designed under the DRAIN pins.
Table 3.
Pin description
Pin n.
Name
Function
DIP-7
SO16
1
1...2
GND
This pin represents the device ground and the source of the power section.
-4
N.A.
Not available for user. It can be connected to GND (pins 1-2) or left not
connected.
25
VDD
Supply voltage of the control section. This pin also provides the charging
current of the external capacitor during power-up.
36
ZCD
This is a multifunction pin.
1. Input for the zero current detection circuit for transformer demagnetization
sensing. (i.e. RLIM, RFF, ROVP and DOVP, Figure 32)
2. User defined drain current limit set-point and voltage feed forward.The
resistor, RLIM, connected between ZCD pin and GND causes the current
IZCD and then it limits the static maximum drain current.
3. The resistor RFF, between ZCD pin and the auxiliary winding, performs
the feed-forward operation and then the drain current limitation changes
according to the converter input voltage.
4. Output overvoltage protection. A voltage exceeding VOVP threshold,
(see Table 8 on page 8), shuts the IC down reducing the device
consumption. This function is strobed and digitally filtered for high noise
immunity.
47
FB
Control input for duty cycle control. Internal current generator provides bias
current for loop regulation. A voltage below the threshold VFBbm activates
the burst-mode operation. A level close to the threshold VFBlin means that
we are approaching the cycle-by-cycle over-current set point.
58
BR
Brownout protection input with hysteresis. A voltage below the threshold
VBRth shuts down (not latch) the device and lowers the power consumption.
Device operation restarts as the voltage exceeds the threshold VBRth +
VBRhyst. It can be connected to ground when not used.
7,8
13...16 DRAIN
High voltage drain pin. The built-in high voltage switched start-up bias
current is drawn from this pin too. Pins connected to the metal frame to
facilitate heat dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com