Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER25HD Datasheet(PDF) 26 Page - STMicroelectronics

Part # VIPER25HD
Description  Off-line high voltage converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER25HD Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VIPER25HD Datasheet HTML 22Page - STMicroelectronics VIPER25HD Datasheet HTML 23Page - STMicroelectronics VIPER25HD Datasheet HTML 24Page - STMicroelectronics VIPER25HD Datasheet HTML 25Page - STMicroelectronics VIPER25HD Datasheet HTML 26Page - STMicroelectronics VIPER25HD Datasheet HTML 27Page - STMicroelectronics VIPER25HD Datasheet HTML 28Page - STMicroelectronics VIPER25HD Datasheet HTML 29Page - STMicroelectronics VIPER25HD Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Operation description
VIPER25
26/40
Doc ID 15585 Rev 4
Figure 32.
ZCD pin typical external configuration
7.11
Overvoltage protection (OVP)
The VIPER25 has integrated the logic for the monitor of the output voltage using as input
signal the voltage VZCD during the OFF time of the power MOSFET. This is the time when
the voltage from the auxiliary winding tracks the output voltage, through the turn ratio NAUX /
NSEC.
The ZCD pin has to be connected to the auxiliary winding through the diode DOVP and the
resistors ROVP and RLIM as shows the Figure 32 on page 26. When, during the OFF time,
the voltage VZCD exceeds, four consecutive times, the reference voltage VOVP (reported on
Table 8 on page 8
) the over voltage protection will stop the power MOSFET and the
converter enters the auto-restart mode.
In order to bypass the noise after the turn off of the power MOSFET, the voltage VZCD is
sampled inside a short window after the time TSTROBE, see the Table 8 on page 8 and
Figure 33 on page 27
. The sampled signal, if higher than VOVP, trigger the internal OVP
digital signal and increments the internal counter. The same counter is reset every time the
signal OVP is not triggered in one oscillator cycle.
Referring to the Figure 32, the resistors divider ratio kOVP will be given by:
Equation 5
k
OVP
V
OVP
N
AUX
N
SEC
--------------
V
OUTOVP
V
DSEC
+
() V
DAUX
–
⋅
---------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com