Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER25 Datasheet(PDF) 24 Page - STMicroelectronics

Part # VIPER25
Description  Off-line high voltage converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER25 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VIPER25 Datasheet HTML 20Page - STMicroelectronics VIPER25 Datasheet HTML 21Page - STMicroelectronics VIPER25 Datasheet HTML 22Page - STMicroelectronics VIPER25 Datasheet HTML 23Page - STMicroelectronics VIPER25 Datasheet HTML 24Page - STMicroelectronics VIPER25 Datasheet HTML 25Page - STMicroelectronics VIPER25 Datasheet HTML 26Page - STMicroelectronics VIPER25 Datasheet HTML 27Page - STMicroelectronics VIPER25 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Operation description
VIPER25
24/40
Doc ID 15585 Rev 4
7.9
Starter
If the amplitude of the voltage on ZCD pin at the end of one oscillator cycle is smaller than
the VZCDAth arming threshold, in which case MOSFET's turn-ON could not be triggered, the
system would stop.
This is what normally happens during converter’s power-up or under overload/short circuit
conditions.
During the converter’s startup phase, the voltage on ZCD pin is not high enough to arm the
triggering circuit. Thus, the converter operates at a fixed frequency, FSTARTER (see Table 8
on page 8
). As the voltage developed across the auxiliary winding becomes high enough to
arm the ZCD circuit, MOSFET's turn-ON is locked to transformer demagnetization, hence
setting up quasi-resonant operation.
As protection, in case the ZCD voltage is permanently above the threshold VZCDAth, the
switching frequency is reduced to the minimum value, FOSCmin, reported on Table 8 on
page 8
.
7.10
Current limit set point and feed-forward option
The VIPER25 is a current mode converter and the drain current is limited cycle by cycle
according to the FB pin voltage value that is related with the feedback loop response and
the load. When the drain current, sensed by the integrated Sense-FET, reaches the current
limitation, after the internal propagation delay, the MOSFET is switched OFF. The current
limitation cannot exceed a certain value, IDlim, that can be adjusted acting on the current
sunk from the ZCD pin during MOSFET’s ON-time.
Usually a resistor, RLIM, connected from ZCD pin to ground is used to fix this sunk current
and then the peak drain current set-point: the lower the resistor is, the lower IDlim will be.
For a QR fly-back converter the power capability strongly depends on the input voltage. In
wide-range applications at maximum line the power capability can be more than twice the
value at minimum line, as shown by the upper curve in the diagram of Figure 31 on page 25.
To reduce this dependence, the current limit IDlim has to be reduced according to the
increment of the input voltage, implementing the so called line feed-forward. It’s realized with
a resistor, RFF, connected between the ZCD pin and the auxiliary winding, see the Figure 32
on page 26
. Since the voltage across the auxiliary winding during MOSFET’s on-time is
proportional to the input voltage through the auxiliary-to-primary turns ratio NAUX /NP, a
current proportional to the input voltage is sunk from the ZCD pin, thus lowering the over
current set point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com