| Electronic Components Datasheet Search |
|
DP-DSG2 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DP-DSG2 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 32 page ![]() page 05 MX-500 page 04 MX-500 MX-500 Soldering, Desoldering & Rework System Industr y Standard, Soldering, Desoldering And Rework System Metcal’s MX-500 Soldering, Desoldering & Rework System is the benchmark against which other soldering, desoldering and rework systems are measured. Flexible, fast and powerful, the MX-500 Soldering, Desoldering & Rework System raises bench-top conduction soldering to a new level of process control, productivity and throughput. Higher Throughput A t Lower Te mperatures Unlike conventional soldering/rework systems that rely on stored energy, Metcal systems use Smar tHeat ® for direct power on demand. Despite its capacity to work at lower, safer temperatures, Smar tHeat ® still delivers the fastest temperature recover y, joint-to -joint, in the industr y. Ve rsatility Without Compromise Metcal’s MX-500 Soldering, Desoldering & Rework System handles both SMT and through-hole soldering/rework with one power supply at the bench. With two switchable outputs, the system can be adapted to your exact needs, using two of the three tools available (soldering iron, Ta lon ® tweezers, desolder gun) to configure the most powerful bench-top soldering/rework system on the market. In addition, the MX-500 Soldering, Desoldering & Rework System’s power supply has an automatic shut- off, which helps maximize tip car tridge life, and a standard four year warranty. Unrivalled Comfor t And Simplicity The shor t tip-to -grip distance, characteristic of the Metcal hand-piece, improves process precision, especially for fine-pitch applications. The easy-squeeze design of Metcal’s Ta lon ® tweezers has been ergonomically designed for superior performance, unmatched comfor t and optimum control. Part No. Description MX-500S-11 Two Port 100/120 VAC, Solder System MX-500S-21 Two Port 220/240 VAC, Solder System INCLUDES MX-500P Two Port Switchable Power Supply with Power Cord* MX-RM3E Rework Hand-Piece with Cord MX-WS4 Workstand AC-YS3 Sponge AC-CP2 Cartridge Removal Pad MX-500TS-11 Two Port 100/120 VAC, Solder/Talon® System MX-500TS-21 Two Port 220/240 VAC, Solder/Talon® System INCLUDES MX-500P Two Port Switchable Power Supply with Power Cord* MX-TALON Talon® Hand-Piece with Cord MX-WS5 Workstand MX-RM3E Rework Hand-Piece with Cord MX-WS4 Workstand AC-YS3 Sponge (2) AC-CP2 Cartridge Removal Pad (2) MX-500S SMT SOLDERING/REWORK SYSTEM MX-500TS SMT REWORK/TAL ON ® SYSTEM Tip cartridges sold separately from all systems. *220/240 VAC systems do not include power cords. MX-TAL ON-01 Talon® Upgrade Kit INCLUDES MX-TALON Talon® Hand-Piece with Cord MX-WS5 Workstand AC-YS3 Sponge AC-CP2 Cartridge Removal Pad TA L O N ® UPGRADE KITS SM-TALON-02 Talon® Upgrade with Switchbox for Older STSS Systems INCLUDES MX-TALON Talon® Hand-Piece with Cord MX-WS5 Workstand AC-YS3 Sponge AC-CP2 Cartridge Removal Pad STSS-SW1E Switchbox with Storage Tray MX 500 22/11/01 2:25 pm Page 12 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |