Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSC31150FAB-R Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ZSC31150FAB-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31150FAB-R Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ZSC31150FAB-R Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31150FAB-R Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31150FAB-R Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31150FAB-R Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSC31150FAB-R Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSC31150FAB-R Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSC31150FAB-R Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSC31150FAB-R Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSC31150FAB-R Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.08
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
10 of 24
2
Circuit Description
2.1.
Signal Flow
The ZSC31150’s signal path is partly analog and partly digital. The analog part is realized differentially – this
means, the differential bridge sensor signal is internally handled via two signal lines, which are rejected
symmetrically around an internal common mode potential (analog ground = VDDA/2).
Consequently, it is possible to amplify positive and negative input signals, which are located within the
common mode range of the signal input.
Figure 2.1
Block Diagram of the ZSC31150
The differential signal from the bridge sensor is pre-amplified by the Programmable Gain Amplifier (PGA). The
Multiplexer (MUX) transmits the signals from either the bridge sensor, the external diode, or the separate
temperature sensor, to the Analog-to-Digital Converter (ADC) in a certain sequence (instead of the
temperature diode, the internal pn-junction (TS) can be used optionally). Afterwards, the ADC converts these
signals into digital values.
The digital signal correction takes place in the calibration microcontroller (CMC). It is based on a correction
formula located in the ROM and on sensor-specific coefficients stored in the EEPROM during calibration.
Dependent on the programmed output configuration, the corrected sensor signal is output as an analog value
or in a digital format (I²C
TM or ZACwireTM). The configuration data and the correction parameters can be
programmed into the EEPROM via the digital interfaces.
PGA
Programmable Gain Amplifier
MUX
Multiplexer
ADC
Analog-to-Digital Converter
CMC
Calibration Microcontroller
DAC
Digital-to-Analog Converter
BAMP
Buffer Amplifier – output buffer OPAMP
EEPROM
Non Volatile Memory for Calibration Parameters and Configuration
TS
On-chip Temperature Sensor (pn-junction)
ROM
Memory for Correction Formula and –Algorithm
RAM
Volatile Memory for Calibration Parameters and Configuration
PGA
TS
ADC
CMC
ROM
RAM
EEPROM
DAC
BAMP
ZACwireTM
I2C
Analog Block
Digital Block
ZSC31150
Digital
Data I/O
Analog
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com