Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEEFP0J102AP Datasheet(PDF) 2 Page - Pacific Silicon Sensor,Inc.

Part # EEEFP0J102AP
Description  Aluminum Electrolytic Capacitors/ FP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACIFIC [Pacific Silicon Sensor,Inc.]
Direct Link  http://www.pacific-sensor.com/index.html
Logo PACIFIC - Pacific Silicon Sensor,Inc.

EEEFP0J102AP Datasheet(HTML) 2 Page - Pacific Silicon Sensor,Inc.

  EEEFP0J102AP Datasheet HTML 1Page - Pacific Silicon Sensor,Inc. EEEFP0J102AP Datasheet HTML 2Page - Pacific Silicon Sensor,Inc. EEEFP0J102AP Datasheet HTML 3Page - Pacific Silicon Sensor,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FP
– EE64 –
■ Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(100 kHz)
(+105 °C)
E.S.R.
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
( )(pcs)
6.3
22
4
5.8
B
160
0.85
0.26
EEEFP0J220AR
(5)
2000
47
45.8
(B)
160
0.85
0.26
EEEFPJ470UAR
(5)
2000
55.8
C
240
0.36
0.26
EEEFP0J470AR
(5)
1000
100
55.8
(C)
240
0.36
0.26
EEEFPJ101UAR
(5)
1000
6.3
5.8
D
300
0.26
0.26
EEEFP0J101AP
(5)
1000
220
6.3
5.8
D
300
0.26
0.26
EEEFP0J221AP
(5)
1000
330
6.3
7.7
D8
600
0.16
0.26
EEEFPJ331XAP
(5)
900
86.2
E
500
0.18
0.26
EEEFP0J331AP
(6)
1000
470
8
10.2
F
850
0.08
0.26
EEEFP0J471AP
(6)
500
1000
8
10.2
F
850
0.08
0.26
EEEFP0J102AP
(6)
500
1500
10
10.2
G
1190
0.06
0.26
EEEFP0J152AP
(6)
500
1800
10
10.2
(G)
850
0.08
0.26
EEEFPJ182UAP
(6)
500
10
22
4
5.8
B
160
0.85
0.19
EEEFP1A220AR
(5)
2000
33
45.8
(B)
160
0.85
0.19
EEEFPA330UAR
(5)
2000
55.8
C
240
0.36
0.19
EEEFP1A330AR
(5)
1000
150
6.3
5.8
D
300
0.26
0.19
EEEFP1A151AP
(5)
1000
220
6.3
7.7
D8
6000.16
0.19
EEEFPA221XAP
(5)
900
86.2
E
500
0.18
0.19
EEEFP1A221AP
(6)
1000
330
8
10.2
F
850
0.08
0.19
EEEFP1A331AP
(6)
500
470
8
10.2
F
850
0.08
0.19
EEEFP1A471AP
(6)
500
680
8
10.2
F
850
0.08
0.19
EEEFP1A681AP
(6)
500
1000
10
10.2
G
1190
0.06
0.19
EEEFP1A102AP
(6)
500
1200
10
10.2
(G)
850
0.08
0.19
EEEFPA122UAP
(6)
500
16
10
4
5.8
B
160
0.85
0.16
EEEFP1C100AR
(5)
2000
22
45.8
(B)
160
0.85
0.16
EEEFPC220UAR
(5)
2000
55.8
C
240
0.36
0.16
EEEFP1C220AR
(5)
1000
47
55.8
(C)
240
0.36
0.16
EEEFPC470UAR
(5)
1000
6.3
5.8
D
300
0.26
0.16
EEEFP1C470AP
(5)
1000
68
6.3
5.8
D
300
0.26
0.16
EEEFP1C680AP
(5)
1000
100
6.3
5.8
D
300
0.26
0.16
EEEFP1C101AP
(5)
1000
6.3
7.7
D8
6000.16
0.16
EEEFPC101XAP
(5)
900
150
6.3
7.7
D8
600
0.160.16
EEEFPC151XAP
(5)
900
220
6.3
7.7
D8
6000.16
0.16
EEEFPC221XAP
(5)
900
86.2
E
500
0.18
0.16
EEEFP1C221AP
(6)
1000
330
8
10.2
F
850
0.08
0.16
EEEFP1C331AP
(6)
500
470
8
10.2
F
850
0.08
0.16
EEEFP1C471AP
(6)
500
680
10
10.2
G
1190
0.06
0.16
EEEFP1C681AP
(6)
500
820
10
10.2
(G)
850
0.08
0.16
EEEFPC821UAP
(6)
500
25
10
4
5.8
B
160
0.85
0.14
EEEFP1E100AR
(5)
2000
22
5
5.8
C
240
0.36
0.14
EEEFP1E220AR
(5)
1000
33
55.8
(C)
240
0.36
0.14
EEEFPE330UAR
(5)
1000
6.3
5.8
D
300
0.26
0.14
EEEFP1E330AP
(5)
1000
47
6.3
5.8
D
300
0.26
0.14
EEEFP1E470AP
(5)
1000
68
6.3
5.8
D
300
0.26
0.14
EEEFP1E680AP
(5)
1000
100
6.3
7.7
D8
6000.16
0.14
EEEFPE101XAP
(5)
900
86.2
E
500
0.18
0.14
EEEFP1E101AP
(6)
1000
150
8
10.2
F
850
0.08
0.14
EEEFP1E151AP
(6)
500
220
8
10.2
F
850
0.08
0.14
EEEFP1E221AP
(6)
500
330
8
10.2
F
850
0.08
0.14
EEEFP1E331AP
(6)
500
470
10
10.2
G
1190
0.06
0.14
EEEFP1E471AP
(6)
500
560
10
10.2
(G)
850
0.08
0.14
EEEFPE561UAP
(6)
500
✽ Size code( ):Miniaturization product
If Part number exceeds 12 digits, voltage code is abbreviated as follows; 0J
J, 1A
A, 1C
C, 1E
E, 1V
V
The taping dimensions are explained on p.177 of our Catalog. Please use it as a reference guide.
Reflow Profile(Fig-1 to Fig-11) listed on p.175 of our Catalog.
Endurance : 105 °C 2000 h
Feb. 2009
01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com