Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECST1AV686R Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECST1AV686R
Description  Tantalum Solid Electrolytic Capacitors/TE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECST1AV686R Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECST1AV686R Datasheet HTML 1Page - Panasonic Semiconductor ECST1AV686R Datasheet HTML 2Page - Panasonic Semiconductor ECST1AV686R Datasheet HTML 3Page - Panasonic Semiconductor ECST1AV686R Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tantalum Solid Electrolytic Capacitors/TE
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
 EE29 
Ta
.
TE
10
16
20
25
s
LxWxH
(mm)
(pcs)
(V)
(µF)
(µA)
L.C
Case Size
Specification
Cap.
(±20%)
W.V.
Standard Products
Part No.
Min.Packaging Q'ty
Taping
Size
Code
tan
δ
(120Hz)
(20
°C)
33
3.5x2.8x1.9
X
3.3
0.08
1.8
ECST1AX336R
2000
6.0x3.2x2.5
C
3.3
0.06
1.6
ECST1AC336R
750
47
6.0x3.2x2.5
C
4.7
0.06
1.2
ECST1AC476R
750
5.8x4.6x3.2
V
4.7
0.06
1.0
ECST1 AV476R
500
7.3x4.3x2.8
D
4.7
0.06
0.8
ECST1AD476R
750
68
5.8x4.6x3.2
V
6.8
0.06
1.0
ECST1A V686R
500
7.3x4.3x2.8
D
6.8
0.06
0.8
ECST1AD686R
750
100
7.3x4.3x2.8
D
10.0
0.08
0.7
ECST1AD107R
750
150
7.3x4.3x2.8
D
15.0
0.10
0.7
ECST1AD157R
750
1
3.2x1.6x1.6
Y
0.5
0.04
10.0
ECST1CY105R
2000
1.5
3.2x1.6x1.6
Y
0.5
0.04
8.0
ECST1CY155R
2000
2.2
3.2x1.6x1.6
Y
0.5
0.04
6.0
ECST1CY225R
2000
3.3
3.2x1.6x1.6
Y
0.6
0.04
5.0
ECST1CY335R
2000
4.7
3.2x1.6x1.6
Y
0.8
0.06
4.0
ECST1CY475R
2000
6.8
3.2x1.6x1.6
Y
1.1
0.08
5.0
ECST1CY685R
2000
3.5x2.8x1.9
X
1.1
0.06
2.5
ECST1CX685R
2000
10
3.5x2.8x1.9
X
1.6
0.06
2.8
ECST1CX106R
2000
15
3.5x2.8x1.9
X
2.4
0.06
2.5
ECST1CX156R
2000
6.0x3.2x2.5
C
2.4
0.06
1.8
ECST1CC156R
750
22
6.0x3.2x2.5
C
3.6
0.06
1.6
ECST1CC226R
750
33
6.0x3.2x2.5
C
5.3
0.06
1.2
ECST1CC336R
750
5.8x4.6x3.2
V
5.3
0.06
1.0
ECST1CV336R
500
7.3x4.3x2.8
D
5.3
0.06
0.8
ECST1CD336R
750
47
5.8x4.6x3.2
V
7.6
0.06
1.0
ECST1CV476R
500
7.3x4.3x2.8
D
7.6
0.06
0.8
ECST1CD476R
750
68
7.3x4.3x2.8
D
10.9
0.06
0.7
ECST1CD686R
750
0.68 3.2x1.6x1.6
Y
0.5
0.04
12.0
ECST1DY684R
2000
1.5
3.2x1.6x1.6
Y
0.5
0.04
6.5
ECST1DY155R
2000
2.2
3.2x1.6x1.6
Y
0.5
0.04
6.0
ECST1DY225R
2000
3.3
3.2x1.6x1.6
Y
0.7
0.04
5.5
ECST1DY335R
2000
3.5x2.8x1.9
X
0.7
0.04
3.0
ECST1DX335R
2000
4.7
3.2x1.6x1.6
Y
1.0
0.08
5.0
ECST1DY475R
2000
3.5x2.8x1.9
X
1.0
0.06
3.0
ECST1DX475R
2000
6.8
3.5x2.8x1.9
X
1.4
0.06
2.5
ECST1DX685R
2000
10
3.5x2.8x1.9
X
2.0
0.06
2.1
ECST1DX106R
2000
6.0x3.2x2.5
C
2.0
0.06
1.8
ECST1DC106R
750
15
6.0x3.2x2.5
C
3.0
0.06
1.7
ECST1DC156R
750
22
6.0x3.2x2.5
C
4.4
0.08
1.2
ECST1DC226R
750
5.8x4.6x3.2
V
4.4
0.06
1.0
ECST1DV226R
500
7.3x4.3x2.8
D
4.4
0.06
0.8
ECST1DD226R
750
33
5.8x4.6x3.2
V
6.6
0.06
0.9
ECST1DV336R
500
7.3x4.3x2.8
D
6.6
0.06
0.7
ECST1DD336R
750
0.47 3.2x1.6x1.6
Y
0.5
0.04
14.0
ECST1EY474R
2000
1
3.2x1.6x1.6
Y
0.5
0.04
8.0
ECST1EY105R
2000
1.5
3.2x1.6x1.6
Y
0.5
0.04
7.5
ECST1EY155R
2000
ESR
(100kHz)
(20
°C)
(
Ω)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com