Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPC331M25D8YATRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPC331M25D8YATRF
Description  Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPC331M25D8YATRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPC331M25D8YATRF Datasheet HTML 1Page - NIC-Components Corp. NPC331M25D8YATRF Datasheet HTML 2Page - NIC-Components Corp. NPC331M25D8YATRF Datasheet HTML 3Page - NIC-Components Corp. NPC331M25D8YATRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Solid Polymer Aluminum
Electrolytic Capacitors
NPC Series
CHARACTERISTICS
STANDARD PRODUCTS AND SPECIFICATIONS
• LOW IMPEDANCE & ESR AT HIGH FREQUENCY
• HIGH RIPPLE CURRENT
• REPLACES MULTIPLE TANTALUM CHIPS IN POWER SUPPLIES
• FITS EIA (7343) “D” LAND PATTERNS
• Pb-FREE (GOLD TERMINATION PLATING)
• COMPATIBLE WITH +260°C* REFLOW SOLDERING
Rated Working Range
2.0 ~ 10VDC
Rated Capacitance Range
22 ~ 470
μF
Operating Temperature Range
-55 ~ +105°C
Capacitance Tolerance
± 20% (M)
Max. Leakage Current (
μA)
After 5 Minutes (+20°C)
<0.04CV
Surge Voltage
(1000 cycles, 30 sec. on,
5 min. 30 sec. off, 1K
Ω)
Working Voltage (Vdc)
2.0
2.5
4.0
6.3
8.0
10
Surge Voltage (Vdc)
2.6
3.2
5.2
8.2
10.4
11.5
Max. Tan
δ, 120Hz, +20°C
D1, D6
<0.05
D5, D7, D8
<0.1
High Temperature Load Life
2,000 Hours @ 105°C
at Rated Working Voltage
after 2x recommended reflow profile
Capacitance Change
Within ±20% of initial measured value
Tan
δ
D7, D8
Less than 150% of specified max. value
D1, D5, D6
Less than 200% of specified max. value
Leakage Current
Less than specified max. value
Moisture Resistance
500 Hours @ +60°C at 90 ~ 95% RH
and No Voltage Applied
after 2x recommended reflow profile
(JEDEC MSL-3)
Capacitance Change
Within -20%/+40% of initial measured value
D5, *Within -20%/+60% of initial measured value
Tan
δ
D7, D8
Less than 150% of specified max. value
D1, D5, D6
Less than 200% of specified max. value
Leakage Current
Less than 300% of specified max. value
NIC Part Number
(+260°C Reflow)
WV
Cap.
Max. LC
Tan
δ
Max. Ripple Current (mArms)
100KHz @ +105°C
Max. ESR
+20°C & 100KHz (
Ω)
Height
H ± 0.1
(Vdc)
(
μF)
(
μA)
NPC101M2D5ZATRF
2
100
8.0
0.10
2,700
0.009
1.1
NPC101M2D1UATRF
100
8.0
0.05
3,000
0.005
1.4
NPC101M2D1ZATRF
100
8.0
0.05
3,000
0.009
1.4
NPC101M2D6XATRF
100
8.0
0.05
3,000
0.013
1.9
NPC101M2D6ZATRF
100
8.0
0.05
3,000
0.009
1.9
NPC121M2D6ZATRF
120
9.6
0.05
3,000
0.009
1.9
NPC151M2D5ZATRF
150
12.0
0.10
2,700
0.009
1.1
NPC151M2D1UATRF
150
12.0
0.05
3,000
0.005
1.4
NPC151M2D6ZATRF
150
12.0
0.05
3,000
0.009
1.9
NPC181M2D5ZATRF
180
14.4
0.10
2,700
0.009
1.1
NPC181M2D6ZATRF
180
14.4
0.05
3,000
0.009
1.9
NPC221M2D5ZATRF
220
17.6
0.10
2,700
0.009
1.1
NPC221M2D6YATRF
220
17.6
0.05
3,000
0.007
1.9
NPC221M2D6ZATRF
220
17.6
0.05
3,000
0.009
1.9
NPC221M2D7XATRF
220
17.6
0.10
3,500
0.010
2.7
NPC271M2D6ZATRF
270
21.6
0.05
3,000
0.009
1.9**
NPC271M2D6YATRF
270
21.6
0.05
3,500
0.006
1.9**
NPC271M2D8YATRF
270
21.6
0.10
3,500
0.007
2.9
NPC331M2D6ZATRF*
330
26.4
0.10
3,000
0.009
1.9**
NPC331M2D6YATRF*
330
26.4
0.10
3,500
0.006
1.9**
NPC331M2D6UATRF*
330
26.5
0.10
3,500
0.0045
1.9**
NPC331M2D8YATRF
330
26.4
0.10
3,500
0.007
2.9
NPC391M2D8YATRF
390
31.2
0.10
3,500
0.007
2.9
NPC471M2D8YATRF
470
37.6
0.10
3,500
0.007
2.9
NPC820M2.5D1ZATRF
2.5
82
8.2
0.05
3,000
0.009
1.4
NPC820M2.5D6XATRF
82
8.2
0.05
3,000
0.013
1.9
NPC820M2.5D6ZATRF
82
8.2
0.05
3,000
0.009
1.9
NPC101M2.5D5ZATRF
100
10.0
0.10
2,700
0.009
1.1
NPC101M2.5D1UATRF
100
10.0
0.05
3,000
0.005
1.4
FEATURES
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials
*See note regarding DF in characteristics table (Moisture Resistance).
**height dimension tolerance ±0.2mm
*Applies to values with asterisk in column "NIC Part Number"


Similar Part No. - NPC331M25D8YATRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPC331M2.5D8ZTRF NIC-NPC331M2.5D8ZTRF Datasheet
48Kb / 3P
Surface Mount Solid Aluminum Electrolytic Capacitors
NPC331M2D8ZTRF NIC-NPC331M2D8ZTRF Datasheet
48Kb / 3P
Surface Mount Solid Aluminum Electrolytic Capacitors
More results

Similar Description - NPC331M25D8YATRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP NIC-NSP Datasheet
72Kb / 5P
Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP NIC-NSP_14 Datasheet
257Kb / 6P
Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com