Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPC331M2D6UATRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPC331M2D6UATRF
Description  Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPC331M2D6UATRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPC331M2D6UATRF Datasheet HTML 1Page - NIC-Components Corp. NPC331M2D6UATRF Datasheet HTML 2Page - NIC-Components Corp. NPC331M2D6UATRF Datasheet HTML 3Page - NIC-Components Corp. NPC331M2D6UATRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
RECOMMENDED LAND PATTERNS (mm)
Case Code
ab
c
D1, D5, D6, D7, D8
2.4
2.9
3.7
A
B
C
A
Surface Mount Solid Polymer Aluminum
Electrolytic Capacitors
NPC Series
NOTES ON REFLOW SOLDERING:
1. SAC alloy (+217°C) reflow soldering compatible
2. Soldering heat limits apply to the top surface of component
3. If you have concerns about your reflow soldering profile
review them with NIC to insure compatible [tpmg@niccomp.com]
APPLICATION NOTES:
1. NPC Series cannot be used in coupling, time-constant or other
circuits that are greatly affected by leakage current.
2. NPC parts are polarized so be sure to verify component orientation
when mounting components.
3. Do not apply over voltage exceeding the rated voltage.
4. Do not apply ripple current over the specified maximum ripple current
rating.
TIME (SECONDS)
RECOMMENDED REFLOW SOLDERING PROFILE
Pre-Heat
160oC ~ 180°C
NATURAL COOLING
Peak Temperature
260°C Max. for 10 sec.
120 Sec. Max.
250
230
160
100
50
200
Time Above 230°C
40 sec. max.
30 sec. max.
260
TERMINATION MATERIAL:
Au: 0.003 ~ 0.014
μm
Pd: 0.02 ~ 0.07
μm
Ni: 0.5 ~ 2.0
μm
Ni: 0.5 ~ 2.0
μm
Pd: 0.02 ~ 0.07
μm
Au: 0.003 ~ 0.014
μm
Cu: 100 ±8
μm
DIMENSIONS (mm)
VOLTAGE CODES
Voltage
Code
2.0VDC
d
2.5VDC
e
4.0VDC
g
6.3VDC
j
8.0VDC
k
10VDC
A
Case Code
L ±0.2
W ±0.2
H ±0.1
W1 ±0.1
S ±0.2
D1
7.3
4.3
1.4
2.4
1.2
D5
1.1
D6
1.9*
D7
2.7
D8
2.9
W1
+
Anode Polarity
Indicator
Voltage Code
Capacitance Value
Lot Number
W
H
L
S
PART NUMBERING SYSTEM
NPC 101 M 6.3 D7 X A TR 500 F
RoHS Compliant
Optional 500 piece reel qty
Tape & Reel Packaging
Denotes +260°C Peak Reflow
Performance Code (see Standard Products & Specifications Tables)
Case Size
Working Voltage (Vdc)
Tolerance Code M=20%, K=10%
Capacitance Code in
μF, first 2 digits are
significant, third digits no. of zeros
Series
*D6 - See Standard Products & Specifications Tables
for height tolerance.
W
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com