| Electronic Components Datasheet Search |
|
CS49310 Datasheet(PDF) 78 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS49310 Datasheet(HTML) 78 Page - Cirrus Logic |
|
78 / 86 page ![]() CS49300 Family DSP 78 DS339PP4 11.3.1. Output Configuration Considerations 1) All PCM output is 24-bit resolution 2) An SCLK frequency of at least 128Fs must be selected for the 20-bit multichannel (6 channel) mode. 3) An SCLK frequency of at least 128Fs must be selected for the 24-bit multichannel (4 channel) mode. 4) An SCLK frequency of at least 256Fs must be selected for the 24-bit multichannel (6 channel) mode. 5) If the clocks to the audio ports are known to be corrupted, such as when a S/PDIF receiver goes out of lock, the DSP should undergo an application restart (if applicable), soft reset or hard reset. All three actions will result in the input FIFO being reset. Failure to do so may result in corrupted data being latched into the input FIFO and may result in corrupted data being heard on the outputs. This is not an issue when compressed data is being delivered, as it has sync words embedded in the stream which the DSP can lock to, but only when PCM data is being delivered. Certain application codes that are capable of processing PCM may now have a special feature called “PCM Robustness” which does alleviate the above problem, however you should still follow the above recommendation. 11.4. Creating Hardware Configuration Messages The single hardware configuration message that must be sent to the CS493XX after download or soft reset should be a concatenation of the messages in the previous sections. The complete hardware configuration message should be created by taking a message for each parameter (where the default is not acceptable) and concatenating the messages together. No messages need to be sent if the default configuration for a particular parameter is acceptable. This example can be easily expanded to fit other system requirements. For example if the host system has the following configuration: Address Checking: Disabled The above configuration is default so no configuration message is required. DAI: Left Justified PCM and Compressed data CDI: Not used The above configuration corresponds to INPUT A1 B1 which corresponds to a configuration message of: 0x800210 0x3FBFC0 0x800110 0xC0002C 0x800217 0x8080FF 0x80021A 0x8080FF 0x800117 0x001000 0x80011A 0x001800 DAO: Left Justified slave mode (LRCLK, SCLK inputs) MCLK @ 256Fs SCLK @ 64Fs The above configuration corresponds to OUTPUT A0 B1 C0 D0 which has a configuration message of: 0x80027F 0xFC7FFF 0x80027C 0xF01F00 0x80027D 0xF01F00 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |