Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1934026-1 Datasheet(PDF) 21 Page - Tyco Electronics

Part # 1934026-1
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1934026-1 Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 1934026-1 Datasheet HTML 17Page - Tyco Electronics 1934026-1 Datasheet HTML 18Page - Tyco Electronics 1934026-1 Datasheet HTML 19Page - Tyco Electronics 1934026-1 Datasheet HTML 20Page - Tyco Electronics 1934026-1 Datasheet HTML 21Page - Tyco Electronics 1934026-1 Datasheet HTML 22Page - Tyco Electronics 1934026-1 Datasheet HTML 23Page - Tyco Electronics 1934026-1 Datasheet HTML 24Page - Tyco Electronics 1934026-1 Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Compliant to xTCA or AdvancedMC Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
To meet the requirements for I/O connectors
on AdvancedTCA and AdvancedMC cards,
Tyco Electronics has released new low
profile RJ45 modular jacks. The offset from
the board is designed such that it fits in
an AdvancedMC half height faceplate.
These jacks are shielded and include
panel ground springs for EMI containment.
They are available in single port and 1x4
configurations, with and without LEDs, and
are designed for GigE performance.
Low Profile RJ45 Modular Jacks
FEATURES
• Category 5e Performance
• Available in single port and 1x4
configurations
• Low profile meets half height
requirements. 4.20 mm above
PCB, 7.38 mm below PCB
• Press-fit termination to the board
• Available with various LED options
Part Number
Configuration
LED (Left)
LED (Right)
1888250-1
1x1
Green
Yellow
1888250-2
1x1
Green/Yellow
Green/Yellow
1888250-3
1x1
None
None
1888250-4
1x1
Green
Green
1888251-1
1x4
Green
Yellow
1888251-2
1x4
Green/Yellow
Green/Yellow
1888251-3
1x4
None
None
1888251-4
1x4
Green
Green
Note: Part Numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com