Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCF020-R-1812 Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # SCF020-R-1812
Description  Surface Mount Resettable PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCF020-R-1812 Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  SCF020-R-1812 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCF020-R-1812 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCF020-R-1812 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCF020-R-1812 Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCF020-R-1812 Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Surface Mount Resettable PTCs
Revision September 12, 2013
3 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCF1812 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (TS max to TP)
3
°C/second max.
Preheat :
Temperature Min (TSmin)
Temperature Max (TSmax)
Time (TSmin to TSmax)
150
°C
200
°C
60-180 seconds
Time maintained above:
Temperature(TL)
Time (tL)
217
°C
60-150 seconds
Peak/Classification Temperature(TP):
260
°C
Time within 5
°C of actual peak:
Temperature
20-40 seconds
Ramp-down Rate:
6
°C/ second max.
Time 25
°C to Peak Temperature
8 minutes max.
Note: All temperatures refer to of the package, measured on the package body surface.
Solder reflow
Due to
“Lead Free” nature, Temperature and Dwelling time for the
soldering zone is higher than those for Regular. This may cause
damage to other components.
1. Recommended max past thickness > 0.25mm.
2. Devices can be cleaned using standard methods and aqueous
solvent.
3. Rework use standard industry practices.
4. Storage Environment : < 30
/ 60%RH
℃
Caution:
1. If reflow temperatures exceed the recommended profile, devices
may not meet the performance requirements.
2. Devices are not designed to be wave soldered to the bottom side
of the board.
Example
A
B
C
Device
Nominal
Nominal
Nominal
1812 Series
3.45
1.78
3.50
The dimension in the table below provide the recommended
pad layout for each SCF1812 device
Part Numbering
Part Marking
Soldering Parameters
Ramp-down
Preheat
Critical Zone
TL to TP
Time to peak temperature
(t 25℃ to peak)
TP
TL
TS(max)
TS(min)
25
Ramp-up
Time
Pad Layouts
Unit: mm
SCF XXX
– XXR– 1812
Device Size Code
Voltage Rating
Current Rating
Socay Product Code
F110
F XXXL
Part Identification
Logo
F XXX
XX
Part Identification
Logo
110
16
F



Html Pages

1 2 3 4 5