Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74CBT3253L-R16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74CBT3253L-R16-R
Description  DUAL 1-OF-4 FET MULTIPLEXER/EMULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBT3253L-R16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74CBT3253L-R16-R Datasheet HTML 1Page - Unisonic Technologies U74CBT3253L-R16-R Datasheet HTML 2Page - Unisonic Technologies U74CBT3253L-R16-R Datasheet HTML 3Page - Unisonic Technologies U74CBT3253L-R16-R Datasheet HTML 4Page - Unisonic Technologies U74CBT3253L-R16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74CBT3253
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-948.A
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 7
V
DC Input Voltage(see Note 2,3)
VIN
-0.5 ~ 7
V
DC Switch Voltage(see Note 2,3)
VIN(SW)
-0.5 ~7
V
VOUT(SW)
Control Input Clamp Current
IIK
-50
mA
DC VCC or GND Current
ICC
±100
mA
ON-State Switch Current
IIN(SW)
±128
mA
IOUT(SW)
Storage Temperature
TSTG
-65~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltages are with respect to ground
3. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are
observed.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
82
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4
5.5
V
High-Level Control Input Voltage
VIH
2
V
Low-Level Control Input Voltage
VIL
0.8
V
Data Input Voltage
VIN
0
5.5
V
Operating Temperature
TA
-40
85
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Control Input Clamp Voltage
VIK
VCC =4.5V, IIN = -18mA
-1.2
V
Input Leakage Current
II(LEAK)
VCC =5.5V, VIN =VCC or GND
±1µA
Quiescent Supply Current
ICC
VCC=5.5 V, IIN /IOUT =0
VIN=VCC or GND, Switch ON or OFF
3
µA
Additional Quiescent Supply
Current
∆ICC
VCC=5.5V, One input at 3.4V,
Other inputs at VCC or GND
2.5
mA
Control Input Capacitance
CIN
VIN=3V or 0, VCC=5V
3.5
pF
A Port Input Capacitance
CIO(OFF)
VIN/VOUT=3V or 0, VCC=5V
VIN=VCC or GND, Switch OFF
10
pF
B Port Input Capacitance
4
pF
ON-Resistance
RON
VCC =4.5V, VIN =0
IOUT =64mA
5
7
Ω
IOUT =30mA
5
7
Ω
VCC =4.5V, VIN =2.4V IOUT =-15mA
10
15
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com