Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74AHC1G86L-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC1G86L-AF5-R
Description  2-INPUT EXCLUSIVE-OR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G86L-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC1G86L-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G86L-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G86L-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G86L-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G86L-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC1G86
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R126-003.D
2-INPUT EXCLUSIVE-OR GATE
DESCRIPTION
The U74AHC1G86 is a 2-input EXCLUSIVE-OR gate, it provides
the Function Y=A♁B.
FEATURES
* Operation voltage range: 2 ~ 5.5V
* Low power current: ICC=10μA(Max)
* High speed: tPD=4.3ns(Typ)
SOT-25
4
5
3
2
1
SOT-353
4
5
3
2
1
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHC1G86L-AF5-R
U74AHC1G86G-AF5-R
SOT-25
Tape Reel
U74AHC1G86L-AL5-R
U74AHC1G86G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74AHC1G86L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G86L-AF5-R UTC-U74AHC1G86L-AF5-R Datasheet
148Kb / 5P
2-INPUT EXCLUSIVE-OR GATE
More results

Similar Description - U74AHC1G86L-AF5-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
2-input EXCLUSIVE-OR gate
2002 Jun 06
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
2-input EXCLUSIVE-OR gate
1998 Aug 05
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
2-input Exclusive-OR Gate
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
2-INPUT EXCLUSIVE-OR GATE
logo
Fairchild Semiconductor
74F86 FAIRCHILD-74F86_03 Datasheet
64Kb / 5P
2-Input Exclusive-OR Gate
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
2-input Exclusive-OR Gate
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
2-input Exclusive OR Gate
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74AHC1G86-Q100 NEXPERIA-74AHC1G86-Q100 Datasheet
686Kb / 13P
2-input EXCLUSIVE-OR gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com