Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4053L-S16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 4053L-S16-R
Description  TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4053L-S16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  4053L-S16-R Datasheet HTML 1Page - Unisonic Technologies 4053L-S16-R Datasheet HTML 2Page - Unisonic Technologies 4053L-S16-R Datasheet HTML 3Page - Unisonic Technologies 4053L-S16-R Datasheet HTML 4Page - Unisonic Technologies 4053L-S16-R Datasheet HTML 5Page - Unisonic Technologies 4053L-S16-R Datasheet HTML 6Page - Unisonic Technologies 4053L-S16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4053
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-036.D
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage (Referenced to VEE, VSS≧VEE)
VDD
-0.5 ~ +18
V
Input or Output Voltage (DC or Transient)
(Referenced to VSS for Control Inputs and VEE for Switch I/O)
VIN, VOUT
-0.5 ~ VDD +0.5
V
Input Current (DC or Transient), per Control Pin
IIN
±10
mA
Switch Through Current
ISW
±25
mA
Power Dissipation
PD
500
mW
Derating above 65°C
7
mW/°C
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
SUPPLY REQUIREMENTS (Voltages Referenced to VEE)
Power Supply Voltage Range
VDD
VDD – 3≧VSS≧VEE
3
18
V
Quiescent Current per
Package
VDD=5V
IQ
Control Inputs: VIN = VSS or VDD
Switch I/O: VEE ≦VI/O ≦VDD,
ΔVSW≦500mV (Note 2)
0.005
5
µA
VDD=10V
0.010
10
µA
VDD=15V
0.015
20
µA
Total Supply Current
(Dynamic Plus Quiescent,
Per Package)
VDD=5V
ID(AV)
TA=25°C only (The channel
component, (VIN-VOUT)/RON, is
excluded)
(0.07 µA/kHz) f + IQ
µA
VDD=10V
(0.20 µA/kHz) f + IQ
µA
VDD=15V
(0.36 µA/kHz) f + IQ
µA
SWITCHES IN/OUT AND COMMONS OUT/IN -- X, Y, Z (Voltages Referenced to VEE)
Recommended Peak–to–Peak Voltage
Into or Out of the Switch
VI/O
Channel On or Off
0
VDD
VPP
Recommended Static or Dynamic
Voltage Across the Switch (Note2)
ΔVSW
Channel On
0
600
mV
Output Offset Voltage
VO(OFF) VIN = 0V, No Load
10
µV
ON Resistance
VDD=5V
RON
ΔVSW≦500mV
VIN = VIL or VIH (Control), and
VIN = 0 to VDD (Switch)
250
1050
Ω
VDD=10V
120
500
Ω
VDD=15V
80
280
Ω
Δ
ON Resistance Between
Any Two Channels in the
Same Package
VDD=5V
ΔRON
25
70
Ω
VDD=10V
10
50
Ω
VDD=15V
10
45
Ω
Off–Channel Leakage Current
IOFF
VIN = VIL or VIH (Control)
Channel to Channel or Any One
Channel, VDD=15V
±0.05
±100
nA
Capacitance, Switch I/O
CI/O
Inhibit = VDD
10
pF
Capacitance, Common O/I
CO/I
Inhibit = VDD
17
pF
Capacitance, Feedthrough
(Channel Off)
CI/O
Pins Not Adjacent
0.15
pF
Pins Adjacent
0.47
Pf
CONTROL INPUTS – INHIBIT A, B, C (Voltages Referenced to VSS)
Low Level Input Voltage
VDD=5V
VIL
RON= per spec, IOFF = per spec
2.25
1.5
V
VDD=10V
4.50
3.0
V
VDD=15V
6.75
4.0
V
High Level Input Voltage
VDD=5V
VIH
RON= per spec, IOFF = per spec
3.5
2.75
V
VDD=10V
7.0
5.50
V
VDD=15V
11
8.25
V
Input Leakage Current
ILEAK
VIN= 0 or VDD, VDD=15V
±0.00001
±0.1
µA
Input Capacitance
CIN
5.0
7.5
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com