| Electronic Components Datasheet Search |
|
RG13 Datasheet(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RG13 Datasheet(HTML) 11 Page - Renesas Technology Corp |
|
11 / 56 page ![]() RL78 Family Chapter 2 EEPROM Emulation EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 11 of 53 Mar. 28, 2014 2. 3 EEL architecture This chapter describes the EEL architecture required for the user to rewrite data flash (the EEL pool) by using the EEL. 2. 3. 1 System Structure The EEL offers interface for accessing the data flash area defined by the user. The arrows shown in the figure 2-1 below indicate the flow of processing. Figure 2-1 System Structure 2. 3. 2 EEL Pool The EEL pool is a user-defined data flash area that is accessible by the EEL. The user program can access the data flash only by using this EEL pool in the data flash via the EEL. The EEL pool size must be specified with the number of blocks in the data flash of the target device. For the procedure to specify the number of blocks, see section 4.3, Initial Values to be set by User. The EEL pool is divided into 1024-byte blocks. Each block has a state which indicates the current usage of the block. State Description Active Only a single EEL block is active at a time to store defined data. The active block circulates in data flash blocks allocated in the EEL pool. Invalid No data is stored in invalid blocks. EEL blocks are marked as invalid by the EEL or become invalid in the case of erasure blocks. Excluded If functional operation failed and possibility of a data flash failure is clarified, the EEL excludes the relevant block and the block is no longer used for EEPROM emulation. Before using the EEL, the FDL must be initialized. (FDL_Init and FDL_Open function) ユーザ・プログラム Code Flash User Program EEL FDL Data Flash (EEL Pool) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |