Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70103 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # 70103
Description  BACKlight LED Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

70103 Datasheet(HTML) 2 Page - OSRAM GmbH

  70103 Datasheet HTML 1Page - OSRAM GmbH 70103 Datasheet HTML 2Page - OSRAM GmbH 70103 Datasheet HTML 3Page - OSRAM GmbH 70103 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Maximum Ratings
Parameter
Symbol
Values
Units
Operating Temperature*
T op
-30… +75
°C
Storage Temperature Range
T stg
-40… +85
°C
Maximum Voltage
V max
11
V dc
Reverse Voltage
V R
11
V dc
* Temperature should be measured at the Tc point on the module. (Operating temperature for red, amber, orange and yellow modules is -40°C to +85°C)
Dimensions
Length
Width
mm (in)
mm (in)
Smallest Unit
30 (1.18)
30 (1.18)
LED Grid
15 (0.59)
Cable
50 (1.97)
Dimensions on diagrams in mm, unless stated otherwise.
Opto Semiconductors
OSRAM
Opto Semiconductors
OSRAM
Opto Semiconductors
OSRAM
Opto Semiconductors
OSRAM
Opto Semiconductors
OSRAM
Opto Semiconductors
OSRAM
Opto Semiconductors
OSRAM
Opto Semiconductors
OSRAM
Opto Semiconductors
OSRAM
0.8 ft. to 1.8 ft.
8 Boards electrically connected
Tc Point



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com