Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCR1A331MCL4GS Datasheet(PDF) 3 Page - Nichicon corporation

Part # PCR1A331MCL4GS
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCR1A331MCL4GS Datasheet(HTML) 3 Page - Nichicon corporation

  PCR1A331MCL4GS Datasheet HTML 1Page - Nichicon corporation PCR1A331MCL4GS Datasheet HTML 2Page - Nichicon corporation PCR1A331MCL4GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
CR
series
Standard Ratings
Rated Voltage
(V)(code)
Surge Voltage
(V)
600
1000
1300
1300
2900
2200
2900
3000
3500
600
1000
1200
1100
2700
2100
2900
2800
3000
1200
1400
1600
1700
2100
1100
1200
1500
1600
2100
132
75
54
68
39
51
38
38
29
138
77
68
72
42
53
41
42
36
75
57
53
50
42
83
68
63
59
42
88
50
36
45
26
34
25
25
19
92
51
45
48
28
35
27
28
24
50
38
35
33
28
55
45
42
39
28
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
5 × 6
6.3 × 6
6.3 × 8
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
5 × 6
6.3 × 6
6.3 × 8
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
6.3 × 8
8 × 10
8 × 12
10 × 10
10 × 12.7
6.3 × 8
8 × 10
8 × 12
10 × 10
10 × 12.7
12
22
39
39
82
82
120
120
180
6.8
12
22
22
39
47
56
68
100
12
27
39
47
68
5.6
12
18
22
33
63
50
(1H)
79
63
(1J)
100
80
(1K)
125
100
(2A)
PCR1H120MCL1GS
PCR1H220MCL1GS
PCR1H390MCL4GS
PCR1H390MCL1GS
PCR1H820MCL6GS
PCR1H820MCL1GS
PCR1H121MCL2GS
PCR1H121MCL1GS
PCR1H181MCL1GS
PCR1J6R8MCL1GS
PCR1J120MCL1GS
PCR1J220MCL4GS
PCR1J220MCL1GS
PCR1J390MCL1GS
PCR1J470MCL1GS
PCR1J560MCL1GS
PCR1J680MCL1GS
PCR1J101MCL1GS
PCR1K120MCL1GS
PCR1K270MCL1GS
PCR1K390MCL1GS
PCR1K470MCL1GS
PCR1K680MCL1GS
PCR2A5R6MCL1GS
PCR2A120MCL1GS
PCR2A180MCL1GS
PCR2A220MCL1GS
PCR2A330MCL1GS
Low temp.
ESR after
Endurance
(m
Ω)
(-40
。
C / 100kHz)
Rated Ripple
(mArms)
Rated Capacitance
(
µF)
Case Size
φD × L (mm)
tan
δ
Part Number
Initial
ESR
(m
Ω)
(20
。
C / 100kHz)
Rated ripple current (mArms) at 125°C 100kHz
No marked,
will be put at 12th digit of type numbering system.
1
: In this case,
will be put at 12th digit of type numbering system.
2
: In this case,
will be put at 12th digit of type numbering system.
4
: In this case,
will be put at 12th digit of type numbering system.
6
Taping specifications are given in page 23.
Recommended land size, soldering by reflow are given in page 18, 19.
Please refer to page 3 for the minimum order quantity.
CAT.8100C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com