Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMSZ5259B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMSZ5259B
Description  250 mW ZENER DIODE 5% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSZ5259B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMSZ5259B Datasheet HTML 1Page - Central Semiconductor Corp CMSZ5259B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Semiconductor Corp.
TM
316
CMSZ5221B
THRU
CMSZ5261B
250 mW ZENER DIODE
5% TOLERANCE
DESCRIPTION:
The
CENTRAL
SEMICONDUCTOR
CMSZ5221B Series Silicon Zener Diode is a
high quality voltage regulator for use in
industrial, commercial, entertainment and
computer applications. Higher voltage devices
are available on special order.
TYPE
MARKING
CODE
MIN
NOM
MAX
VOLTS
VOLTS
VOLTS
mA
mA
VOLTS
%/°C
CMSZ5221B
2.280
2.4
2.520
20
30
1200
0.25
100
1.0
-0.085
8A1
CMSZ5222B
2.375
2.5
2.625
20
30
1250
0.25
100
1.0
-0.085
8B1
CMSZ5223B
2.565
2.7
2.835
20
30
1300
0.25
75
1.0
-0.080
8C1
CMSZ5224B
2.660
2.8
2.940
20
30
1400
0.25
75
1.0
-0.080
8D1
CMSZ5225B
2.850
3.0
3.150
20
29
1600
0.25
50
1.0
-0.075
8E1
CMSZ5226B
3.135
3.3
3.465
20
28
1600
0.25
25
1.0
-0.070
8AC
CMSZ5227B
3.420
3.6
3.780
20
24
1700
0.25
15
1.0
-0.065
8BC
CMSZ5228B
3.705
3.9
4.095
20
23
1900
0.25
10
1.0
-0.060
8CC
CMSZ5229B
4.085
4.3
4.515
20
22
2000
0.25
5.0
1.0
±0.055
8DC
CMSZ5230B
4.465
4.7
4.935
20
19
1900
0.25
5.0
2.0
±0.030
8EC
CMSZ5231B
4.845
5.1
5.355
20
17
1600
0.25
5.0
2.0
±0.030
8FC
CMSZ5232B
5.320
5.6
5.880
20
11
1600
0.25
5.0
3.0
+0.038
8GC
CMSZ5233B
5.700
6.0
6.300
20
7.0
1600
0.25
5.0
3.5
+0.038
8HC
CMSZ5234B
5.890
6.2
6.510
20
7.0
1000
0.25
5.0
4.0
+0.045
8JC
CMSZ5235B
6.460
6.8
7.140
20
5.0
750
0.25
3.0
5.0
+0.050
8KC
CMSZ5236B
7.125
7.5
7.875
20
6.0
500
0.25
3.0
6.0
+0.058
8LC
CMSZ5237B
7.790
8.2
8.610
20
8.0
500
0.25
3.0
6.5
+0.062
8MC
CMSZ5238B
8.265
8.7
9.135
20
8.0
600
0.25
3.0
6.5
+0.065
8NC
CMSZ5239B
8.645
9.1
9.555
20
10
600
0.25
3.0
7.0
+0.068
8PC
CMSZ5240B
9.500
10
10.50
20
17
600
0.25
3.0
8.0
+0.075
8QC
CMSZ5241B
10.45
11
11.55
20
22
600
0.25
2.0
8.4
+0.076
8RC
CMSZ5242B
11.40
12
12.60
20
30
600
0.25
1.0
9.1
+0.077
8SC
CMSZ5243B
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
+0.079
8TC
CMSZ5244B
13.30
14
14.70
9.0
15
600
0.25
0.1
10
+0.082
8UC
IZT
ZZT @ IZT
ZZK @ IZK
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE
CURRENT
mA
IR @ VR
QVZ
MAX.
TEMP.
COEFF.
W
W
VZ @ IZT
ZENER VOLTAGE
TEST
CURRENT
SOT-323 CASE
ABSOLUTE MAXIMUM RATINGS
SYMBOL
UNITS
Power Dissipation (@ TA=25
oC)
PD
250
mW
Operating and Storage Temperature
TJ,Tstg
-65 to + 175
oC
Thermal Resistance
QJA
500
oC/W
ELECTRICAL CHARACTERISTICS (TA=25
oC), VF=0.9V MAX @ IF = 10mA FOR ALL TYPES.
NEW
SUPER
mini
SUPER


Similar Part No. - CMSZ5259B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSZ5259B CENTRAL-CMSZ5259B Datasheet
479Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
CMSZ5259B CENTRAL-CMSZ5259B Datasheet
490Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - CMSZ5259B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4729A CENTRAL-CLL4729A Datasheet
51Kb / 2P
1.0W ZENER DIODE 5% TOLERANCE
CMPZ5221B CENTRAL-CMPZ5221B Datasheet
100Kb / 2P
350 mW ZENER DIODE 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
500mW,5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
500mW,5% Tolerance Zener Diode
BZT52C2V4-G TSC-BZT52C2V4-G Datasheet
99Kb / 4P
5% Zener Voltage Tolerance Zener Diode
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
5% Tolerance SMD Zener Diode
BZX79C2V0 TSC-BZX79C2V0_14 Datasheet
239Kb / 5P
5% Tolerance Zener Diode
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
5% Tolerance Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
5% Tolerance SMD Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com