Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPZ4697 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPZ4697
Description  350mW LOW LEVEL ZENER DIODE 5% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZ4697 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPZ4697 Datasheet HTML 1Page - Central Semiconductor Corp CMPZ4697 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
213
R2
Type No.
Nominal
Zener Voltage
Test Current
Maximum
Voltage
Change**
Maximum
Zener Current
Volts
Volts
Volts
mA
CMPZ4700*
13
50
0.05
9.8
0.13
19.0
CMPZ4701*
14
50
0.05
10.6
0.14
17.5
CMPZ4702*
15
50
0.05
11.4
0.15
16.3
CMPZ4703*
16
50
0.05
12.1
0.16
15.4
CMPZ4704*
17
50
0.05
12.9
0.17
14.5
CMPZ4705*
18
50
0.05
13.6
0.18
13.2
CMPZ4706*
19
50
0.05
14.4
0.19
12.5
CMPZ4707*
20
50
0.01
15.2
0.20
11.9
CMPZ4708*
22
50
0.01
16.7
0.22
10.8
CMPZ4709*
24
50
0.01
18.2
0.24
9.9
CMPZ4710*
25
50
0.01
19.0
0.25
9.5
CMPZ4711*
27
50
0.01
20.4
0.27
8.8
CMPZ4712*
28
50
0.01
21.2
0.28
8.5
CMPZ4713*
30
50
0.01
22.8
0.30
7.9
CMPZ4714*
33
50
0.01
25.0
0.33
7.2
CMPZ4715*
36
50
0.01
27.3
0.36
6.6
CMPZ4716*
39
50
0.01
29.6
0.39
6.1
CMPZ4717*
43
50
0.01
32.6
0.43
5.5
* Available on special order only, please consult factory.
**
∆VZ=VZ@100µA MINUS VZ @ 10µA.
All dimensions in inches (mm).
NO
CONNECTION
C
A
VZ @ IZT
IZT
MAXIMUM REVERSE
LEAKAGE CURRENT
µµµµµA
IZM
µµµµµA
IR @ VR
∆∆∆∆∆VZ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com