Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCPWR06 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MCPWR06
Description  Pulse Withstanding Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCPWR06 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MCPWR06 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCPWR06 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCPWR06 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCPWR06 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCPWR06 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCPWR06 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCPWR06 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pulse Withstanding
Chip Resistors
Page <4>
28/04/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Packaging
Reel Specifications and Packaging Quantity
Type
Packaging Quantity
Tape Width
Reel
Diameter
ØA
ØB
ØC
W
T
MCPWR05
MCPWR06
Paper
10K
8mm
10 inch
254 ±1
100 ±0.5
13 ±0.2
9.5 ±0.5
13.5 ±0.5
MCPWR10
MCPWR12
Embossed
4K
12mm
7 inch
178.5 ±1.5
60 +1 / -0
13 ±0.5
13 ±0.5
15.5 ±0.5
8K
10 inch
250 ±1
62 ±0.5
12.5 ±0.5
16.5 ±0.5
Type
A
B
W
E
F
P0
P1
P2
ØD0
T
MCPWR05
1.6 ±0.1
2.4 ±0.2
8 ±0.2
1.75 ±0.1
3.5 ±0.05
4 ±0.1
4 ±0.05
2 ±0.05
1.5
0.85 ±0.1
MCPWR06
1.9 ±0.1
3.5 ±0.2
Paper Tape Specifications
+0.1
-0
Unit: mm
Unit: mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com