Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCPWR05 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCPWR05
Description  Pulse Withstanding Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCPWR05 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCPWR05 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCPWR05 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCPWR05 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCPWR05 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCPWR05 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCPWR05 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCPWR05 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Pulse Withstanding
Chip Resistors
Page <2>
28/04/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Part Number Explanation:
MCPWR
Dimensions
05: 0805
06: 1206
10: 2010
12: 2512
Product
Type
12
Resistance
Tolerance
F: ±1%
F
Resistance
1001: 1K
Ω
1004: 1M
Ω
1005: 10M
Ω
1001
T
Packaging
Code
T: Taping Reel
F
TCR
(PPM / °C)
E: ±100
F: ±200
A
Power
Rating
W: 1/8W
-
Marking
: Standard Marking
Ambient Temperature (°C)
Derating Curve
Standard Electrical Specifications
Power Rating
at 70°C
Operating
Temperature
Range
Maximum
Operating
Voltage
Resistance Range
TCR
(PPM / °C)
±0.5%
±1%
±2%
±3%
±5%
MCPWR05 (0805)
1/8W
-55 to +155°C
150V
10
Ω - 299Ω
1
Ω - 299Ω
±200
300
Ω - 20MΩ
±100
MCPWR06 (1206)
1/3W
200V
10
Ω - 20Ω
1
Ω - 20Ω
±200
20.1
Ω - 20MΩ
±100
MCPWR10 (2010)
3/4W
400V
10
Ω - 20Ω
1
Ω - 20Ω
±200
20.1
Ω - 20MΩ
±100
MCPWR12 (2512)
1.5W
500V
10
Ω - 20Ω
1
Ω - 20Ω
±200
20.1
Ω - 20MΩ
±100
Item
Type



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com