Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU7253SF Datasheet(PDF) 21 Page - Rohm

Part # BU7253SF
Description  Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7253SF Datasheet(HTML) 21 Page - Rohm

Back Button BU7253SF Datasheet HTML 17Page - Rohm BU7253SF Datasheet HTML 18Page - Rohm BU7253SF Datasheet HTML 19Page - Rohm BU7253SF Datasheet HTML 20Page - Rohm BU7253SF Datasheet HTML 21Page - Rohm BU7253SF Datasheet HTML 22Page - Rohm BU7253SF Datasheet HTML 23Page - Rohm BU7253SF Datasheet HTML 24Page - Rohm BU7253SF Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR1G200450-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
21/24
4.Dec.2013 Rev.001
TSZ22111・15・001
BU7250G
BU7250SG
BU7253F
BU7253SF
Operational Notes – continued
12.
Regarding the Input Pin of the IC
In the construction of this IC, P-N junctions are inevitably formed creating parasitic diodes or transistors. The
operation of these parasitic elements can result in mutual interference among circuits, operational faults, or physical
damage. Therefore, conditions which cause these parasitic elements to operate, such as applying a voltage to an
input pin lower than the ground voltage should be avoided. Furthermore, do not apply a voltage to the input pins when
no power supply voltage is applied to the IC. Even if the power supply voltage is applied, make sure that the input pins
have voltages within the values specified in the electrical characteristics of this IC.
13.
Unused Circuits
When there are unused comparators, it is recommended that they are
connected as in Figure 45, setting the non-inverting input terminal to a
potential within the in-phase input voltage range (VICM).
14.
Input Voltage
Applying VDD +0.3V to the input terminal is possible without causing
deterioration of the electrical characteristics or destruction, regardless of
the supply voltage. However, this does not ensure normal circuit
operation. Please note that the circuit operates normally only when the
input voltage is within the common mode input voltage range of the
electric characteristics.
15.
Power Supply(single/dual)
The voltage comparator operates when the voltage supplied is between VDD and VSS. Therefore, the single supply
voltage comparator can be used as dual supply voltage comparator as well.
16.
Output Capacitor
If a large capacitor is connected between the output pin and VSS pin, current from the charged capacitor will flow into
the output pin and may destroy the IC when the VDD pin is shorted to ground or pulled down to 0V. Use a capacitor
smaller than 0.1µF between output pin and VSS pin.
17.
Oscillation by Output Capacitor
Please pay attention to the oscillation by output capacitor and in designing an application of negative feedback loop
circuit with these ICs.
18.
Latch up
Be careful of input voltage that exceed the VDD and VSS. When CMOS device have sometimes occur latch up and
protect the IC from abnormaly noise.
19.
Open Drain Output
Please connect and use a pull-up resistor to the output since this IC has an open-drain output.
VSS
VDD
Figure 45. Example of Application Circuit
for Unused Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com