Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPO40T02 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPO40T02
Description  MPO-40T Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPO40T02 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPO40T02 Datasheet HTML 1Page - MicroPower Direct, LLC MPO40T02 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Derating Curve (Models 01 thru 06)
Notes:
1. Output voltage tolerance is measured
at nominal input and 60% load.
2. Line regulation is measured at nom-
inal load over a range of 100 to 240
VAC.
3. Load regulation is specified for a load
change of 60% ±40% (of full load).
4. Output ripple is measured at 20 MHz
bandwidth using 0.1 µF and 10 µF
capacitors connected in parallel as
close to the power supply terminals
as possible.
5. The maximum output current is given
for each individual output. The maxi-
mum output power rating for the unit
should not be exceeded. By adding 30
CFM of airflow (see derating curves)
all models may be used at higher
power levels. Contact the factory for
more information.
6. Each unit includes an input fuse
(250V/2A). Since this fuse is not field
replaceable, it is recommended that
an external fuse of the same size be
used on the input of the power supply
for protection.
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Input Connector (CN1):
• Molex 5273-03A or equivalent (one pin removed)
• Mating Housing: Molex 5195-03 or equivalent
• Mating Terminal: Molex 5293 or equivalent
Pin
Function
1
AC-Neutral
2
Removed
3
AC-Line
Safety Ground:
The mounting holes marked “Use metal standoffs” should be
connected to the system earth ground via metal spacers or
a cable. The input side mounting hole marked “FG” provides
the safety earth ground for the unit. This connection should
be locked to prevent possible loosening. Connecting the
output side mounting hole improves EMI.
Output Connector (CN2):
• Molex 5273-06A or equivalent
• Mating Housing: Molex 5195-06 or equivalent
• Mating Terminal: Molex 5293 or equivalent
Pin
Function
1VOUT 2
2VOUT 1
3VOUT 1
4
Common
5
Common
6VOUT 3
Connections
Model
Number
Input
Output
Max
Output
Power
(W)
Output
Ripple
& Noise
(mV P-P)
Max
Output
Cap.
(µF)
Efficiency
(%, Typ)
Current (A)
No.
Voltage
(VDC)
Current (A)
115 VAC
230 VAC
Rated
Min.
Max.
MPO-40T-01
0.75
0.46
1
+5.0
3.0
0.4
5.0
40
±1%
1,400
78
2
+12.0
2.0
0.2
2.5
3
-5.0
0.3
0.0
0.5
MPO-40T-02
0.75
0.46
1
+5.0
3.0
0.4
5.0
40
±1%
1,400
78
2
+12.0
2.0
0.2
2.5
3
-12.0
0.3
0.0
0.5
MPO-40T-03
0.75
0.46
1
+5.0
3.0
0.4
5.0
40
±1%
1,400
78
2
+15.0
1.5
0.2
2.3
3
-15.0
0.3
0.0
0.5
MPO-40T-04
0.75
0.46
1
+5.0
3.0
0.4
5.0
40
±1%
1,400
78
2
+24.0
1.0
0.2
1.0
3
-12.0
0.3
0.0
0.5
MPO-40T-05
0.75
0.45
1
+5.0
3.0
0.4
5.0
40
±1%
1,400
78
2
+24.0
1.0
0.2
1.5
3
-5.0
0.3
0.0
0.5
MPO-40T-06
0.75
0.47
1
+5.0
3.0
0.4
5.0
40
±1%
1,400
78
2
+24.0
1.0
0.2
1.5
3
+12.0
0.3
0.0
0.5
MPO-40T-07
0.75
0.38
1
+3.3
5.0
0.4
7.0
30
±3%
1,400
71
2
+5.0
2.0
0.2
3.5
±2%
3
-12.0
0.3
0.0
0.5
±1%
Derating Curve (Model 07)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com