Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS332 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS332
Description  Micropower low-voltage, rail-to-rail comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS332 Datasheet(HTML) 4 Page - STMicroelectronics

  TS332 Datasheet HTML 1Page - STMicroelectronics TS332 Datasheet HTML 2Page - STMicroelectronics TS332 Datasheet HTML 3Page - STMicroelectronics TS332 Datasheet HTML 4Page - STMicroelectronics TS332 Datasheet HTML 5Page - STMicroelectronics TS332 Datasheet HTML 6Page - STMicroelectronics TS332 Datasheet HTML 7Page - STMicroelectronics TS332 Datasheet HTML 8Page - STMicroelectronics TS332 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Absolute maximum ratings and operating conditions
TS331, TS332, TS334
4/27
DocID17272 Rev 4
2
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1. All voltage values, except differential voltage, are referenced to Vcc-
5.5
V
VID
Differential input voltage
± 5.5
VIN
Input voltage range
(VCC-) - 0.3 to (VCC+) + 0.3
Vout
Output voltage(1)
5.5
Rthja
Thermal resistance junction to ambient(2)
SOT23-5
SC70-5
DFN6 1.2x1.3
DFN8 2x2
SO8
MiniSO8
QFN16 3x3
SO14
TSSOP14
2. Short-circuits can cause excessive heating. These values are typical
250
205
40
57
125
190
39
105
100
°C/W
Rthjc
Thermal resistance junction to case (2)
SOT23-5
SC70-5
SO8
MiniSO8
QFN16 3x3
SO14
TSSOP14
81
172
40
39
5
31
32
Tstg
Storage temperature
-65 to +150
°C
Tj
Junction temperature
150
TLEAD
Lead temperature (soldering 10 seconds)
260
ESD
Human body model (HBM)(3)
3. According to JEDEC standard JESD22-A114F.
2000
V
Machine model (MM)(4)
4. According to JEDEC standard JESD22-A115A.
200
Charged device model (CDM)(5)
5. According to ANSI/ESD STM5.3.1.
1500
Latchup immunity
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com