Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3430 Datasheet(PDF) 13 Page - ams AG

Part # AS3430
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3430 Datasheet(HTML) 13 Page - ams AG

Back Button AS3430 Datasheet HTML 9Page - ams AG AS3430 Datasheet HTML 10Page - ams AG AS3430 Datasheet HTML 11Page - ams AG AS3430 Datasheet HTML 12Page - ams AG AS3430 Datasheet HTML 13Page - ams AG AS3430 Datasheet HTML 14Page - ams AG AS3430 Datasheet HTML 15Page - ams AG AS3430 Datasheet HTML 16Page - ams AG AS3430 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
13 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
This section provides a detailed description of the device related components.
8.1 Audio Line Input
The chip features one line input. The blocks can work in mono differential or in stereo single ended mode.
In addition to the 12.5-25k
Ω input impedance, LineIn has a termination resistor of 10kΩ which is also effective during MUTE to charge
eventually given input capacitors.
8.1.1 Gain Stage
The Line In gain stage is designed to have 63 gain steps of 0.75dB with a max gain of 0dB plus MUTE.
In default, the gain will be ramped up from MUTE to 0dB during startup. There is a possibility to make the playback volume user controlled by the
VOL pin with an ADC converted VOL voltage or UP/DN buttons.
In monitor mode, the gain stage can be set to an fixed default attenuation level for reducing the loudness of the music.
Figure 12. Line Inputs
8.1.2 Parameter
VBAT=1.5V, TA= 25ºC, unless otherwise specified.
Table 4. Line Input Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VLIN
Input Signal Level
0.6*
VBAT
VBAT
VPEAK
RLIN
Input Impedance
0dB gain (12.5k // 10k)
5.6
kΩ
-46.5dB gain (25k // 10k)
7.2
kΩ
MUTE
10
kΩ
ΔRLIN
Input Impedance Tolerance
±30
%
CLIN
Input Capacitance
5pF
ALIN
Programmable Gain
-46.5
+0
dB
Gain Steps
Discrete logarithmic gain steps
0.75
dB
Gain Step Accuracy
0.5
dB
ALINMUTE
Mute Attenuation
100
dB
AGND
LINL
stereo mode
LINR
10k
10k
12.5k
k
12.5k
k
QLINR
QLINL
mute
mute
AGND
LINL
mono differential mode
LINR
10k
10k
12.5k
k
12.5k
k
QLINR
QLINL
mute
mute
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com