Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM8903 Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM8903
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM8903 Datasheet HTML 17Page - STMicroelectronics PM8903 Datasheet HTML 18Page - STMicroelectronics PM8903 Datasheet HTML 19Page - STMicroelectronics PM8903 Datasheet HTML 20Page - STMicroelectronics PM8903 Datasheet HTML 21Page - STMicroelectronics PM8903 Datasheet HTML 22Page - STMicroelectronics PM8903 Datasheet HTML 23Page - STMicroelectronics PM8903 Datasheet HTML 24Page - STMicroelectronics PM8903 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
PM8903
Application information
Doc ID 022748 Rev 1
21/34
The following suggestions may be followed in order to place the poles and zeroes of the
compensation network.
●
Select a value for RFB in the range of some kΩ
●
Select RF in order to obtain the desired closed loop regulator bandwidth according to
the approximate formula:
●
Select CF in order to place FZ1 below FLC (typically 0.1*FLC):
●
Select CP in order to place FP1 at 0.5*FSW:
●
Select CS and RS in order to place FZ2 at FLC and FP2 at half of the switching
frequency:
●
Check that compensation network gain is lower than open loop EA gain before F0dB
●
Check phase margin obtained (it should be greater than 45 °)
●
Repeat the whole procedure if necessary.
6.2
Output voltage setting
The PM8903 integrates a 0.6 V internal reference (VREF), with a total accuracy of
±1% over
line, load, and temperature variations (excluding external resistor divider tolerance, when
present).
The output voltage can be easily programmed connecting ROS and RFB resistors as follows
(see also
Figure 1 on page 4).
●
Connect pin FB to VOUT through RFB resistor
●
Connect pin FB to GND through ROS resistor
Usually, the RFB resistor is selected in order to obtain the desired closed loop regulator
bandwidth (see
Section 6.1 for details) and it is not changed when setting the output
voltage.
Therefore, the output voltage setting is easily achieved using the following formula to select
the value of the ROS resistor:
R
F
F
0dB
F
LC
------------
ΔV
OSC
V
IN_MAX
---------------------- R
FB
⋅⋅
=
C
F
1
2
π R
F
0.1 F
LC
⋅⋅
⋅
----------------------------------------------
=
C
P
1
π R
F
F
SW
⋅⋅
-------------------------------
=
R
S
1
π C
S
F
SW
⋅⋅
-------------------------------
=
C
S
1
2
π R
FB
F
LC
⋅⋅
-------------------------------------
=
R
OS
R
FB
V
REF
V
OUT
V
REF
–
-----------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com