Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPR421 Datasheet(PDF) 3 Page - C&D Technologies

Part # HPR421
Description  0.75 Watt Miniature SIP DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HPR421 Datasheet(HTML) 3 Page - C&D Technologies

  HPR421 Datasheet HTML 1Page - C&D Technologies HPR421 Datasheet HTML 2Page - C&D Technologies HPR421 Datasheet HTML 3Page - C&D Technologies HPR421 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HPR4XX REV G 1/03
3
Product: www.cdpoweronline.com
NOTES:
1.) When operated within the SAFE OPERATING AREA as defined
by the above curves, the output voltage of HPR4XX devices is
guaranteed to be within 95% of its steady-state value within 100
milliseconds after the input voltage has reached 95% of its steady-
state value.
2.) For dual output models, total load capacitance is the sum of the
capacitances on the plus and minus outputs.
Specifications are at T
A = +25°C nominal input voltage, nominal load,
recommended external components applied, unless
otherwise specified. (Refer to Application Note DCAN-9 at www.cdpowerelectronics.com)
TYPICALPERFORMANCECURVES
SAFEOPERATINGAREA
VOUT VS LOAD
(5Vout Models)
VOUT VS LOAD
(±5Vout Models)
VOUT VS LOAD
(12Vout Models)
VOUT VS LOAD
(±12Vout Models)
VOUT VS LOAD
(15Vout Models)
VOUT VS LOAD
(±15Vout Models)
0
40
120
160
5.3
5.5
5.7
4.9
5.1
020
40
60
80
11.9
12.0
12.1
12.2
12.3
12.4
020
40
60
80
4.6
4.8
5.0
5.2
5.4
010
20
30
40
12.0
12.1
12.2
12.3
12.4
12.5
14.9
15.1
15.3
15.5
15.7
15.9
020
40
60
80
0
13.5
14.0
14.5
15.0
15.5
16.0
80
Output Current (mA)
Output Current each load (mA)
Output Current each load (mA)
12.5
Output Current each load (mA)
12.6
Output Current each load (mA)
Output Power each load (Watts)
0.2
0.4
0.6
0.8
1.0
16.5
0
40
80
100
60
20
90
75
60
45
30
15
0
EFFICIENCY VS LOAD
% of Rated Load (%)
OSCILLATION FREQUENCY VS
TEMPERATURE
220
200
180
160
140
-30
0
30
60
90
Temperature (°C)
SAFE OPERATING AREA
Rise Time of Input Voltage (mS)
LOAD CAPACITANCE vs INPUT RISE TIME
(5 Vout models)
0
5
10
15
20
25
30
35
40
45
50
600
500
400
300
200
100
0
SAFE OPERATING AREA
Rise Time of Input Voltage (mS)
LOAD CAPACITANCE vs INPUT RISE TIME
(12 Vout models)
0
5
10
15
20
25
30
35
40
45
50
90
80
70
60
50
40
30
20
10
0
SAFE OPERATING AREA
Rise Time of Input Voltage (mS)
LOAD CAPACITANCE vs INPUT RISE TIME
(15 Vout models)
0
5
10
15
20
25
30
35
40
45
50
60
50
40
30
20
10
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com