Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XSD310 Datasheet(PDF) 1 Page - Calogic, LLC

Part # XSD310
Description  High-Speed Analog N-Channel DMOS FETs Improved On -Resistance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

XSD310 Datasheet(HTML) 1 Page - Calogic, LLC

  XSD310 Datasheet HTML 1Page - Calogic, LLC XSD310 Datasheet HTML 2Page - Calogic, LLC XSD310 Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High-Speed Analog
N-Channel DMOS FETs
Improved On -Resistance
SD310 / SD312 / SD314
FEATURES
•• High Input to Output Isolation . . . . . . . . . . . . . . . . 120dB
•• Low On Resistance . . . . . . . . . . . . . . . . . 15 Ohms @ 15V
•• Low Feedthrough and Feedback Transients
•• Low Capacitance:
— Input (Gate) . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4pF typ.
— Output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3pF typ.
— Feedback . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3pF typ.
•• No Protection Diode from Gate to Substrate for very
high impedance applications
•• Maximum Gate Voltage. . . . . . . . . . . . . . . . . . . . . . . ±40V
APPLICATIONS
SD310:
•• Analog Switch Driver
SD312 and SD314:
•• Analog Switches
•• High-Speed Digital Switches
•• Multiplexers
•• Ato D Converters
•• D to AConverters
•• Choppers
•• Sample & Hold
DESCRIPTION
The Calogic SD310 is a 30V analog switch driver without a
built-in protection diode from gate to substrate for use with
SD312 and SD314 DMOS analog switches.
The SD312 is a high performance, high-speed, high-voltage,
and low resistance analog switch capable of switching
±5V
signals. The maximum threshold of 2V permits simple direct
TTL an CMOS driving for small applications.
The SD314 is DMOS analog switch capable of switching
±10V analog signals with all other parameters identical to
those of SD312.
All three devices are manufactured with an implanted
high-speed, high-voltage, and low resistance double-diffused
MOS (DMOS) process. SD310, SD312 and SD314 devices
also have no built-in protection diode to enhance performance
in high impedance circuits.
The devices are available in
4-lead hermetic TO-72 package and in die form for hybrid
applications. Custom devices based on SD310, SD312 and
SD314 can also be ordered.
ORDERING INFORMATION
Part
Package
Temperature Range
SD310DE
Hermetic TO-72 Package
-55
oC to +125oC
SD312DE
Hermetic TO-72 Package
-55
oC to +125oC
SD314DE
Hermetic TO-72 Package
-55
oC to +125oC
XSD310
Sorted Chips in Carriers
-55
oC to +125oC
XSD312
Sorted Chips in Carriers
-55
oC to +125oC
XSD314
Sorted Chips in Carriers
-55
oC to +125oC
CORPORATION
SCHEMATIC DIAGRAM (Top View)
SOURCE
BODY
AND
CASE
GATE
DRAIN
Body is internally connected to the case
1
23
4
CD10-2
TO-72
G
D
C
S


Similar Part No. - XSD310

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
XSD200 CALOGIC-XSD200 Datasheet
27Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
XSD200 CALOGIC-XSD200 Datasheet
34Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode
XSD200 CALOGIC-XSD200 Datasheet
34Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode
XSD201 CALOGIC-XSD201 Datasheet
27Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
XSD201 CALOGIC-XSD201 Datasheet
34Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode
More results

Similar Description - XSD310

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD200 CALOGIC-SD200 Datasheet
27Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
SD210 CALOGIC-SD210 Datasheet
29Kb / 2P
High-Speed Analog N-Channel DMOS FETs
SD211 CALOGIC-SD211 Datasheet
29Kb / 2P
High-Speed Analo N-Channel DMOS FETs
SD400 CALOGIC-SD400 Datasheet
23Kb / 2P
High-Speed Analog N-Channel/Enhancement-Mode DMOS FETS
logo
New Jersey Semi-Conduct...
SD214 NJSEMI-SD214 Datasheet
93Kb / 2P
High-Speed Analog N-Channel DMOS FETs
logo
TEMIC Semiconductors
SST211-T1 TEMIC-SST211-T1 Datasheet
92Kb / 6P
N-Channel Lateral DMOS FETs
logo
Calogic, LLC
SD210DE CALOGIC-SD210DE_15 Datasheet
36Kb / 2P
High-Speed Analog N-Channel DMOS FETs
SSTSD203 CALOGIC-SSTSD203_15 Datasheet
34Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
logo
New Jersey Semi-Conduct...
SD210 NJSEMI-SD210 Datasheet
149Kb / 2P
High-Speed Analog N-Channel DMOS FETs
logo
Maxim Integrated Produc...
DG40135 MAXIM-DG40135 Datasheet
33Kb / 5P
IMPROVED, DUAL, HIGH-SPEED CHANNEL ANALOG SWITCHES
19-0079 Rev. C
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com