Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOPB201 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TOPB201
Description  VOLTAGE CONTROLLED OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TOPB201 Datasheet(HTML) 1 Page - API Technologies Corp

  TOPB201 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VOLTAGE CONTROLLED
OSCILLATOR
TOM9090
Available as:
TOMB201, 4 Pin TO-8 (T4)
TONB201, 4 Pin Surface Mount (SM3)
TOPB201, 4 Pin Flatpack (FP4)
BXOB201, Connectorized Housing (H1)
Features
!
!
!
!
! Low Noise Bipolar Transistor
!
!
!
!
! Broad Tuning Range
!
!
!
!
! Operating Case Temp. -55 ºC to + 85 ºC
!
!
!
!
! Environmental Screening available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta = 25 ºC
-55 ºC to +85 ºC
Typical Performance Data
Specifications
12/17/04
Maximum Ratings
Ambient Operating Temperature ........ -55ºC to + 100 ºC
Storage Temperature ......................... -62ºC to + 125 ºC
Case Temperature .......................................... + 125 ºC
DC Voltage ................................................... + 20 Volts
Maximum DC Tuning Voltage ........................ + 20 Volts
Minimum DC Tuning Voltage .............................. 0 Volts
Note: Care should always be taken to effectively ground the case of each unit.
Notes:
1. Phase Noise is measured using the Aeroflex PN9000.
2. Worst case phase noise @ 100KHz offset across
frequency range and temperature extremes is -110 dBc/Hz.
900-1600 MHz
Frequency
900 - 1600 MHz
900 - 1600 MHz
Output Power (dBm)
+12.5
+10.0 Min.
Power Flatness (dB)
+/- 0.5
+/- 2.0 Max.
Tuning Voltage Range (v)
2 to 18
0 to 20
Tuning Voltage
Sensitivity (MHz/V)
20
15 Min.
Harmonics (dBc)
-17
-10 Max.
Spurious (dBc)
<-80
-60 Max.
3dB Modulation BW,
Zg = 50 Ohms
__
10 MHz Min.
Pushing (MHz/V)
2.0
6.0 Max.
Pulling (MHz); 12 dB RL
25
30 Max.
Frequency Drift (MHz/ºC
__
0.3 Max.
Power
Vdc
+15
+15
m A
16
25.0 Max.
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Legend ------------- + 25 ºC -- -- -- +85 ºC - - - - - - -55 ºC


Similar Part No. - TOPB201

ManufacturerPart #DatasheetDescription
logo
Shanghai Toplite Techno...
TOP-CC-1088AS-N4 TOPLITE-TOP-CC-1088AS-N4 Datasheet
549Kb / 8P
Low power requirement
logo
TRACO Electronic AG
TOP100 TRACOPOWER-TOP100 Datasheet
1Mb / 5P
AC/DC Power Supply TOP 100 Series, 100 Watt
Rev. November 30, 2022
TOP100-103 TRACOPOWER-TOP100-103 Datasheet
1Mb / 5P
AC/DC Power Supply TOP 100 Series, 100 Watt
Rev. November 30, 2022
TOP100-105 TRACOPOWER-TOP100-105 Datasheet
1Mb / 5P
AC/DC Power Supply TOP 100 Series, 100 Watt
Rev. November 30, 2022
TOP100-105C TRACOPOWER-TOP100-105C Datasheet
3Mb / 5P
AC/DC Power Supply TOP 100C Series, 100 Watt
Rev. November 30, 2022
More results

Similar Description - TOPB201

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0698A-LF ZCOMM-CLV0698A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0787E-LF ZCOMM-CLV0787E-LF Datasheet
46Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0815E-LF ZCOMM-CLV0815E-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0945A-LF ZCOMM-CLV0945A-LF Datasheet
67Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV1052M-LF ZCOMM-CLV1052M-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com