Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOP9211 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TOP9211
Description  Voltage Controlled Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TOP9211 Datasheet(HTML) 1 Page - API Technologies Corp

  TOP9211 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VOLTAGE CONTROLLED
OSCILLATOR
TOM9211
Available as:
TOM9211, 4 Pin TO-8 (T4)
TON9211, 4 Pin Surface Mount (SM3)
TOP9211, 4 Pin Flatpack (FP4)
BXO9211, Connectorized Housing (H1)
Features
Low Noise Bipolar Transistor
Broad Tuning Range
Operating Case Temp. -55 ºC to +100 ºC
Environmental Screening available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +100 ºC
Typical Performance Data
Specifications
Rev.
4/14/10
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ........................ -55ºC to +100 ºC
Storage Temperature .......................................... -62ºC to +125 ºC
Case Temperature ............................................................ +125 ºC
DC Bias Voltage ............................................................. +20 Volts
Maximum DC Tuning Voltage .......................................... +22 Volts
Minimum DC Tuning Voltage ............................................... 0 Volts
Note: Care should always be taken to effectively ground the case of each unit.
Legend
+ 25 ºC
+100 ºC - - - - - -55 ºC
Frequency
1500 - 2750 MHz
1500 - 2750 MHz
Output Power (dBm)
+12
+10.0 Min.
Power Flatness (dB)
±
1.5
±1.5 Max.
Tuning Voltage Range (V
)
2 to 18
0 to 20
Tuning Voitage Range
Sensitivity (MHz/V)
80
30 Min.
Harmonics (dBc)
-20
-12 Max.
Spurious (dBc)
<-80
-80 Max.
Phase Noise
@ 100 kHz (dBc/hz)
-110
-104 Max.
Pushing (MHz/V)
<2.0
6.0 Max.
Pulling (MHz); 22 dB RL
30
45 Max.
Frequency Drift (MHz/ºC)
--
0.5 Max.
Power
Vdc
+15
+15
mA
21
25 Max.
414
16
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.00
11.00
12.00
13.00
14.00
15.00
16.00
17.00
18.00
19.00
20.00
1198.0
1409.7
1582.6
1713.3
1817.4
1931.3
2041.8
2135.4
2220.7
2301.5
2378.3
2449.2
2515.4
2576.9
2633.4
2684.7
2730.6
2770.4
2803.8
2829.9
2849.4
+12.8
+13.9
+14.1
+13.9
+13.9
+12.9
+11.9
+12.1
+12.1
+12.1
+12.3
+12.4
+12.3
+12.3
+12.3
+12.4
+12.1
+12.3
+12.3
+12.1
+12.1
-18.3
-22.2
-21.8
-17.5
-17.0
21.2
-37.8
-30.7
-27.0
-25.7
-25.3
25.8
26.2
26.7
27.2
27.8
28.3
29.3
29.5
29.7
30.2
-11.8
-16.3
-19.5
-21.8
-25.0
-33.2
-27.0
-26.8
-24.2
-25.1
-25.5
-26.5
-27.4
-29.3
-32.2
-32.0
-31.6
-32.0
-31.7
-33.1
-33.2
02
06
010
12
18
20
0
412
14
218
0
8
10
16
20
+12
+10
+14
+16
1000
1250
1750
2000
2500
2750
3000
211.7
172.9
130.7
104.2
113.8
110.5
93.7
85.3
80.8
76.8
70.8
66.3
61.5
56.5
51.3
45.9
39.8
33.3
26.2
19.5
6
8
1500
2250
Vtfo
∆fPo
2H
3H
(V)
(MHz)
(MHz)
(dBm)
(dBc)
(dBc)
======================================================
Tuning Voltage (Volts)
Tuning Voltage (Volts)
1500 - 2750 MHz
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TOP9211

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TOP9250 APITECH-TOP9250 Datasheet
47Kb / 1P
Voltage Controlled Oscillator
More results

Similar Description - TOP9211

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0698A-LF ZCOMM-CLV0698A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0787E-LF ZCOMM-CLV0787E-LF Datasheet
46Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0815E-LF ZCOMM-CLV0815E-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0945A-LF ZCOMM-CLV0945A-LF Datasheet
67Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV1052M-LF ZCOMM-CLV1052M-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com