Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOP9302 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TOP9302
Description  Voltage Controlled Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TOP9302 Datasheet(HTML) 1 Page - API Technologies Corp

  TOP9302 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VOLTAGE CONTROLLED
OSCILLATOR
TOM9302
Available as:
TOM9302, 4 Pin TO-8 (T4)
TON9302, 4 Pin Surface Mount (SM3)
TOP9302, 4 Pin Flatpack (FP4)
BXO9302, Connectorized Housing (H1)
Features
Low Noise Bipolar Transistor
Broad Tuning Range
Operating Case Temp. -55 ºC to + 85 ºC
Environmental Screening available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta=25ºC
Ta = - 55 ºC to + 85 ºC
Typical Performance Data
Specifications
02/15/05
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ....................... -54ºC to + 100 ºC
Storage Temperature ......................................... -62ºC to + 125 ºC
Case Temperature ........................................................... + 125 ºC
DC Voltage .................................................................... + 20 Volts
Maximum DC Tuning Voltage ......................................... + 20 Volts
Minimum DC Tuning Voltage ............................................... 0 Volts
Note: Care should always be taken to effectively ground the case of each unit.
Legend
+ 25 ºC
+85 ºC
-54 ºC
Pulling (MHz); 12dB RL
3
5.0 Max.
Notes:
1. Phase Noise is measured using the Aeroflex PN9000.
2. Worst case phase noise @ 100KHz offset across frequency range
and temperature extremes is -130 dBc/Hz.
Frequency
50 - 100 MHz
50 - 100 MHz
Output Power (dBm)
+12
+10 Min.
Power Flatness (dB)
±1.0
±1.5 Max.
Tuning Voltage Range (v)
1 to 17
0 to 20
Tuning Voltage
Sensitivity (MHz/V)
4
1.5 Min.
Harmonics (dBc)
-15
-10 Max.
Spurious (dBc)
<-80
-80 Max.
3dB Modulation BW,
Zg = 50 Ohm
---
.3 MHz Min.
Pushing (MHz/V)
.5
1.5 Max.
Frequency Drift (MHz/ºC)
---
.05 Max.
Power
Vdc
+15
+15
mA
14
18 Max.
6
0
4
10
16 18
12
28
14
20
6
0
4
10
16 18
+13
+14
40
50
60
70
80
100
110
12
90
28
14
20
Tuning Voltage (Volts)
Tuning Voltage (Volts)
50 - 100 MHz
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TOP9302

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TOP9300 APITECH-TOP9300 Datasheet
45Kb / 1P
Voltage Controlled Oscillator
TOP9301 APITECH-TOP9301 Datasheet
50Kb / 1P
Voltage Controlled Oscillator
TOP9303 APITECH-TOP9303 Datasheet
46Kb / 1P
Voltage Controlled Oscillator
TOP9304 APITECH-TOP9304 Datasheet
46Kb / 1P
Voltage Controlled Oscillator
TOP9305 APITECH-TOP9305 Datasheet
50Kb / 1P
Voltage Controlled Oscillator
More results

Similar Description - TOP9302

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0698A-LF ZCOMM-CLV0698A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0787E-LF ZCOMM-CLV0787E-LF Datasheet
46Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0815E-LF ZCOMM-CLV0815E-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0945A-LF ZCOMM-CLV0945A-LF Datasheet
67Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV1052M-LF ZCOMM-CLV1052M-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com